Electronic Components Datasheet Search
  English  ▼

X  

219 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 219
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

219 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  219 Datasheet HTML 1Page - ATTEND Technology Inc. 219 Datasheet HTML 2Page - ATTEND Technology Inc. 219 Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
‐1 ‐ 
SPECIFICATION AND PERFORMANCE 
Series
219
File
219 SERIES_SPEC_1
Date
2023/07/14
 
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 219 SERIES
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
Housing
High Temperature Thermoplastic, UL94V-0, Black
2
Contact
Brass, Gold under Nickel plating
3
Shell
Brass, Nickel plated
4
Nut
Brass, Nickel plated
5
O-RING
Rubber
6
EPOXY
EF400 A&B
RATING
Rated voltage
Refer to the product drawing
Rated current
Refer to the product drawing
Operating temperature
-40°C to +85°C
Storage temperature
-40°C to +85°C
Durability
100 cycles
ELECTRICAL
Item
Requirement
Test Condition
Temperature rise test
30°C max. change allowed
at rated current
Sample mated, to measure the current when
the temperature rise of the terminal within
30°C
Dielectric withstanding
voltage
No Breakdown on
appearance
IEC 60512, Test 4a
Standard atmospheric conditions
Mated connectors


Similar Part No. - 219

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
219 CTS-219 Datasheet
94Kb / 2P
Surface mount DIP Switch-Auto Placeable
logo
Alpha Wire
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
logo
Walther-Werke
219 WALTHER-219 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
219 402 WALTHER-219 402 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
219 404 WALTHER-219 404 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results

Similar Description - 219

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
216 ATTEND-216 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 216 SERIES
2023-07-13
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com