Electronic Components Datasheet Search
  English  ▼

X  

219 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 219
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

219 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  219 Datasheet HTML 1Page - ATTEND Technology Inc. 219 Datasheet HTML 2Page - ATTEND Technology Inc. 219 Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
‐2 ‐ 
3 to 4 ways= 1kVAC
5 to 8 ways= 0.65kVAC
Contact resistance
20mΩ max.
IEC 60512, Test 2a
Standard atmospheric conditions
Insulation resistance
100MΩ min.
IEC 60512, Test 3a, Method A
Standard atmospheric conditions
Test voltage 500V±15VDC
MECHANICAL
Item
Requirement
Test Condition
Durability
100cycles no evidence of
physical damage.
Contact resistance 20mΩ
max
IEC 60512, Test 9a
Standard atmospheric conditions
Max. speed of operations = 10 mm/s
Rest: 30 s, unmated
ENVIRONMENTAL
Item
Requirement
Test Condition
IP degree of protection
IPX7
IEC 60529
Sample condition: mated
Put the testing sample under water 1m,
duration 30 minutes
Thermal shock
Finish
Contact resistance 20mΩ
max
Insulation resistance
100MΩ min
Sample condition: mated
Humidity test
(Steady state)
Finish
Contact resistance 20mΩ
max
Insulation resistance
100MΩ min
Temperature: 40°C
Humidity: 90% R.H.
Duration: 96hours
Humidity cycling test
Finish
Contact resistance 20mΩ
max
Insulation resistance
100MΩ min
Sample condition: mated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com