Electronic Components Datasheet Search
  English  ▼

X  

303D Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 303D
Description  Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

303D Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  303D Datasheet HTML 1Page - ATTEND Technology Inc. 303D Datasheet HTML 2Page - ATTEND Technology Inc. 303D Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
303D
File
303D-D100X02_SPEC_1
Date
2022/04/07
Scope:
This specification covers the requirements for product performance, test methods and quality
assurance provisions of below
Part Name
Description
303D-D100F02
Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black
303D-D100M02
Pogo Pin Magnet Type, 2P, 10.0D, DIP, 10u", 500g, 3A, black
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
HTN FR52G30NH, UL94V-0, Black
2
POGO PIN
2.1
PISTON Lead free brass C6801 or equivalent, gold plating over nickel
2.2
BARREL Lead free brass C6801 or equivalent, gold plating over nickel
2.3
SPRING Stainless steel 304 or equivalent
3
MACHINE PIN
Lead free brass C6801 or equivalent, gold plating over nickel
4
SLEEVE
Lead free brass C6801 or equivalent, gold plating over nickel
5
MAGNET
Neodymium magnet N35, nickel plating
6
GLUE
LSR-67


Similar Part No. - 303D

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
SMC Diode Solutions Co....
303DMQ600 SMCDIODE-303DMQ600 Datasheet
350Kb / 5P
ULTRAFAST RECTIFIER
Rev. A
More results

Similar Description - 303D

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47244-0001 MOLEX-47244-0001 Datasheet
123Kb / 2P
Pogo Pin
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
2.54mm POGO PIN
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
Pogo Pin Single Contact: BTB
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
Pogo Pin Single Contact: BTB
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
SMT SPRING LOADED POGO PIN
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
Pogo Pin w/ Round Tip
9??4??7
logo
Hitachi Semiconductor
DNA1001D HITACHI-DNA1001D Datasheet
126Kb / 2P
DIP 16 Pin Type
logo
ATTEND Technology Inc.
303C ATTEND-303C Datasheet
286Kb / 3P
Pogo Machine Pin, Magnet Type, 4P H=4.15mm, Pitch 3.0, DIP, 20u", black
2021/12/06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com