Electronic Components Datasheet Search
  English  ▼

X  

303D Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 303D
Description  Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

303D Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  303D Datasheet HTML 1Page - ATTEND Technology Inc. 303D Datasheet HTML 2Page - ATTEND Technology Inc. 303D Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
Humidity Durability
Meet electrical spec.
No appearance damage
Store in temp: 60°C±2°C with humidity of 90% ~
95% for 96hrs, then leave in the ambient
temperature for 1 hour.
Temperature Cycle Test
Cycle 5 times
(Table 1 Shows test condition for 1 circle).
Leave in the ambient temp for 1 hour.
Salt Spray
No excessive surface
corrosion
The electrical performance shall be measured after
continuous spray of salt water with 5±1% density
and 35°C±2°C temperature for 48 hours, cleaning
with lukewarm water and dry, and leaving in
ambient temperature for 1 hour.
Vibration
Contact
Resistance:
100mΩ Max.
No appearance damage
Intermittency below 1µ
sec
Connect each connector pin in series, conducting
current of 0.1A. After that, the vibration described
below is added.
Amplitude: 1.5mm
Sweeping cycle:10~55~10 Hz/minute
Duration of test:2 hours for each of X, Y, Z axis
Shock
Connect each connector pin in series, conducting
current of 0.1A. After that, the shock described
below is added.
Accelerating rate:490m/s²
Operating time of the test:11ms
The number of operating times:
3 shocks at X, Y, Z axis both in negative and
positive direction.
Table 1 –Temperature Cycle
Step
Temperature (°C)
Time (minutes)
1
-30±3
30~35
2
5~35
10~15
3
60±2
30~35
4
5~35
10~15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com