Electronic Components Datasheet Search
  English  ▼

X  

DDR Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # DDR
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

DDR Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  DDR Datasheet HTML 1Page - ATTEND Technology Inc. DDR Datasheet HTML 2Page - ATTEND Technology Inc. DDR Datasheet HTML 3Page - ATTEND Technology Inc. DDR Datasheet HTML 4Page - ATTEND Technology Inc. DDR Datasheet HTML 5Page - ATTEND Technology Inc. DDR Datasheet HTML 6Page - ATTEND Technology Inc. DDR Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
DDR Series
FILE:
DDR Series_spec
DATE:
2013/01/04
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
Cold Resistance
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, expose to -40±3℃ for 96hours.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room conditions for 1 to 2 hours,
after which the specified measurements
shall be performed.
Thermal Shock
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, subject to the following
conditions for 5 cycles.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room conditions for 1 of 2 hours,
after which the specified measurements
shall be performed.
Heat Cycle:
a) –40℃ (30min.)
b ) +85℃ (30min.)
Transit time shall be within 3 min
Humidity
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, expose to the defined
environment condition for 10 cycles.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room condition s for 1 of 2 hours,
after which the specified measurements
shall be performed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com