Electronic Components Datasheet Search
  English  ▼

X  

DDR Datasheet(PDF) 5 Page - ATTEND Technology Inc.

Part # DDR
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

DDR Datasheet(HTML) 5 Page - ATTEND Technology Inc.

  DDR Datasheet HTML 1Page - ATTEND Technology Inc. DDR Datasheet HTML 2Page - ATTEND Technology Inc. DDR Datasheet HTML 3Page - ATTEND Technology Inc. DDR Datasheet HTML 4Page - ATTEND Technology Inc. DDR Datasheet HTML 5Page - ATTEND Technology Inc. DDR Datasheet HTML 6Page - ATTEND Technology Inc. DDR Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
DDR Series
FILE:
DDR Series_spec
DATE:
2013/01/04
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-5 -
Salt Spray
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, subject to the following salt mist.
Upon completion of the exposure period,
salt deposits shall be removed by gentle
wash or dip in running water, after which
the specified measurements shall be
performed.
NaCl solution:
a) Concentration: 5±1 %
b) Spray time:
48±4h
c) Ambient Temperature : 35±1℃
SO2 Gas
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, expose to 10ppm SO2 gas,
ambient temperature 25±2 ℃ for 24
Hours.
SOLDER ABILITY
Item
Requirement
Test Condition
Solderability
More then 95% of the
dipped surface shall
be wet evenly with
new solder.
The solder time of connector in the solder
bath at 230±5℃ for 3±0.5 sec. After
immersing solder tine in the flux for 5 to 10
seconds
Solder heat
resistance
Detrimental damage
affecting to the
performance shall not
occur.
180~200℃ for 120 seconds. Max
220℃ for 60 sec. Max
Peak:255±5℃ 10 sec. Max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com