Electronic Components Datasheet Search
  English  ▼

X  

MP2172 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2172 Datasheet HTML 9Page - Monolithic Power Systems MP2172 Datasheet HTML 10Page - Monolithic Power Systems MP2172 Datasheet HTML 11Page - Monolithic Power Systems MP2172 Datasheet HTML 12Page - Monolithic Power Systems MP2172 Datasheet HTML 13Page - Monolithic Power Systems MP2172 Datasheet HTML 14Page - Monolithic Power Systems MP2172 Datasheet HTML 15Page - Monolithic Power Systems MP2172 Datasheet HTML 16Page - Monolithic Power Systems MP2172 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
15
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the output
DC voltage. Use low ESR, ceramic capacitors
to keep the output voltage ripple low. The
output voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
(8)
Where L1 is the inductor value, and RESR is the
equivalent series resistance of the output
capacitor.
For ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is
caused mainly by
the
capacitance.
For
simplification, the output voltage ripple can be
estimated with Equation (9):
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(10)
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout Guidelines
Proper layout of the switching power supplies is
critical for stable operation. For high-frequency
switching converters, a poor layout can lead to
poor line or load regulation and stability issues.
For best results, refer to Figure 3 and follow the
guidelines below.
1. Place the high-current paths (GND, VIN,
SW) very close to the device using short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switching node SW short and
away from the feedback network.
Figure 3: Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com