Electronic Components Datasheet Search
  English  ▼

X  

MP2172 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2172 Datasheet HTML 1Page - Monolithic Power Systems MP2172 Datasheet HTML 2Page - Monolithic Power Systems MP2172 Datasheet HTML 3Page - Monolithic Power Systems MP2172 Datasheet HTML 4Page - Monolithic Power Systems MP2172 Datasheet HTML 5Page - Monolithic Power Systems MP2172 Datasheet HTML 6Page - Monolithic Power Systems MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
5
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.2V, L = 1μH, COUT = 22μF, TA = +25°C, unless otherwise noted.
Efficiency
VIN = 3.3V
Efficiency
VIN = 5V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Vo=1.2V
Vo=1.8V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Vo=1.2V
Vo=1.8V
Load Regulation
Line Regulation
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
00.511.5
2
OUTPUT CURRENT (A)
Vo=1.2V
Vo=1.8V
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
2
3456
INPUT VOLTAGE (V)
Io=2A
Io=1A
Io=0A
Case Temperature Rise
VIN = 3.3V
Shutdown Current vs. Input Voltage
VIN = 5V
0
2
4
6
8
10
12
14
16
00.511.5
2
OUTPUT CURRENT (A)
Vo=1.2V
Vo=1.8V
0
0.1
0.2
0.3
0.4
0.5
22.5
33.544.555.5
6
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com