Electronic Components Datasheet Search
  English  ▼

X  

MP4571 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 20Page - Monolithic Power Systems MP4571 Datasheet HTML 21Page - Monolithic Power Systems MP4571 Datasheet HTML 22Page - Monolithic Power Systems MP4571 Datasheet HTML 23Page - Monolithic Power Systems MP4571 Datasheet HTML 24Page - Monolithic Power Systems MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems MP4571 Datasheet HTML 27Page - Monolithic Power Systems MP4571 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
24
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
when input voltage drops below the UVLO falling
threshold. This function prevents the device from
operating at an insufficient voltage. It is a non-
latch protection.
Over-Current Protection (OCP)
The MP4571 has a 1.95A peak current limit.
Once the inductor current reaches the current
limit, the HS-FET turns off immediately. Then the
LS-FET turns on to discharge the energy, and
the inductor current decreases. The HS-FET
does not turn on again until the inductor current
drops below the current threshold (the valley
current
limit).
This
protection
prevents
the
inductor
current
from
running
away
and
damaging the components.
Short-Circuit Protection (SCP)
When
a
short-circuit
condition
occurs,
the
MP4571 immediately reaches its current limit.
Meanwhile, the output voltage drops until VFB
falls below 50% of VREF. The device considers
this an output dead short, and triggers hiccup
short-circuit
protection
(SCP)
mode
to
periodically restart the part.
In hiccup mode, the MP4571 disables its output
power stage, slowly discharges the soft-start
capacitor, then initiates a soft start. If the short-
circuit condition remains after soft start ends, the
device repeats this operation until the short
circuit disappears and the output returns to the
regulation level. This protection mode greatly
reduces the average short-circuit current to
alleviate thermal issues and protect the regulator.
Negative Current Protection
The MP4571 has a -1.3A negative current limit.
Once the inductor current reaches the current
limit, the LS-FET immediately turns off and the
HS-FET turns on. The current limit prevents the
negative current from dropping too low and
damaging the components.
Thermal Shutdown
For thermal protection, the MP4571 monitors the
IC temperature internally. This function prevents
the chip from operating at exceedingly high
temperatures.
If
the
junction
temperature
exceeds the threshold value (about 170°C), it
shuts down the whole chip. This is a non-latch
protection. There is a 25°C hysteresis. Once the
junction temperature drops to about 145°C, the
device resumes operation by initiating a soft
start.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating HS-FET driver. There are two methods to
charge the bootstrap capacitor (see Figure 3).
The first method is through the main charging
circuit from VCC through a diode. When the HS-
FET is on, VSW is about equal to VIN but exceeds
VCC, and the bootstrap capacitor is not charged.
The best charging period occurs when the LS-
FET is on, and VCC - VSW is at its largest. When
there is no current in the inductor, VSW equals
VOUT, so VCC can only charge BST when VOUT is
very small.
The second method is through the auxiliary
charging circuit from VIN. When the voltage
difference between BST and SW is below the
internal 5V bootstrap regulator, a PMOS pass
transistor (M1) turns on to charge the bootstrap
capacitor. The charging current is much smaller
than that from VCC, but as long as VIN exceeds
VSW, BST can be charged. This function is useful
in sleep mode, when there is not always a switch.
Figure 3: Internal Bootstrap Charging Circuit
Low-Dropout Operation (BST Refresh)
To improve dropout, the MP4571 is designed to
operate at close to 100% duty cycle as long as
the BST-to-SW voltage exceeds 1.4V. When the
BST-to-SW voltage drops below 1.34V, the HS-
FET turns off using a UVLO circuit, which allows
the LS-FET to conduct and refresh the charge on
the BST capacitor. When the input voltage drops,
the HS-FET remains on and close to 100% duty
cycle to maintain output regulation until the BST-
to-SW voltage falls below 1.34V.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com