Electronic Components Datasheet Search
  English  ▼

X  

MP4571 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 23Page - Monolithic Power Systems MP4571 Datasheet HTML 24Page - Monolithic Power Systems MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems MP4571 Datasheet HTML 27Page - Monolithic Power Systems MP4571 Datasheet HTML 28Page - Monolithic Power Systems MP4571 Datasheet HTML 29Page - Monolithic Power Systems MP4571 Datasheet HTML 30Page - Monolithic Power Systems MP4571 Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
27
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (6):
OUT
CIN
I
I
2
=
(6)
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, use a small, high-quality ceramic
capacitor (0.1μF), placed as close to the IC as
possible. The input capacitance value determines
the input voltage ripple of the converter. If there
is an input voltage ripple requirement in the
system design, choose an input capacitor that
meets the specification.
The
input
voltage
ripple
caused
by
the
capacitance can be estimated with Equation (7):
=
 −
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
(7)
The worst-case condition occurs at VIN = 2VOUT,
estimated with Equation (8):
= 
OUT
IN
SW
IN
I
1
V
4
f
C
(8)
Selecting the Output Capacitor
The output capacitor maintains the output DC
voltage. Ceramic capacitors with low ESR are
recommended for their small size and low output
voltage
ripple.
Electrolytic
and
polymer
capacitors may also be used. The output voltage
ripple can be estimated with Equation (9):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8f
C
=
 −
+

(9)
Where RESR is the equivalent series resistance of
the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates
the
impedance
at
the
switching
frequency and causes most of the output voltage
ripple. For simplification, the output voltage ripple
can be calculated with Equation (10):
=
 −
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(10)
For tantalum or electrolytic capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency. For simplification, the output ripple
can be calculated with Equation (11):
=
 −
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
(11)
Another consideration for the output capacitance
is the allowable overshoot in VOUT if the load is
suddenly removed. In this case, energy stored in
the inductor is transferred to COUT, causing its
voltage to rise. To achieve a desired overshoot
relative to the regulated voltage, the output
capacitance can be estimated with Equation (12):
=
−
2
OUT
OUT
22
OUT
OUTMAX
OUT
IL
C
V
((V
/ V
)
1)
(12)
Where VOUTMAX / VOUT is the allowable maximum
overshoot.
After calculating the capacitance required for
both the ripple and overshoot, choose the larger
value.
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4571 can be optimized for a wide range of
capacitance and ESR values.
VIN Under-Voltage Lockout (UVLO) Setting
The MP4571 has an internal, fixed under-voltage
lockout (UVLO) threshold. The rising threshold is
4.0V, while the falling threshold is about 3.5V.
For applications that require a higher UVLO point,
place an external resistor divider between EN
and IN to obtain a higher equivalent UVLO
threshold (see Figure 5 and Figure 6). Add a 6V
Zener diode between EN to GND if the EN pin is
connected to VIN through a resistor.
VIN
EN
IN
R4
1.8M
Ω
R5
8
12
6V
Zener
Figure 5: Adjustable UVLO Using EN Divider
when EN Rises



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com