Electronic Components Datasheet Search
  English  ▼

X  

MP6545GF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6545GF
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6545GF Datasheet HTML 3Page - Monolithic Power Systems MP6545GF Datasheet HTML 4Page - Monolithic Power Systems MP6545GF Datasheet HTML 5Page - Monolithic Power Systems MP6545GF Datasheet HTML 6Page - Monolithic Power Systems MP6545GF Datasheet HTML 7Page - Monolithic Power Systems MP6545GF Datasheet HTML 8Page - Monolithic Power Systems MP6545GF Datasheet HTML 9Page - Monolithic Power Systems MP6545GF Datasheet HTML 10Page - Monolithic Power Systems MP6545GF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
7
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
4.27
4.28
4.29
4.3
4.31
4.32
4.33
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
V
IN UVLO Rising Threshold vs.
Temperature
46.6
46.65
46.7
46.75
46.8
46.85
46.9
46.95
47
47.05
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
V
IN OVP Threshold vs.
Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
Quiescent Current (I
INSLEEP) vs.
Temperature
V
IN = 24V
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
Quiescent Current (I
INQ) vs.
Temperature
V
IN = 24V
0
50
100
150
200
250
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
HS-FET On Resistance vs.
Temperature
I
OUT = 1A
0
50
100
150
200
250
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
LS-FET On Resistance vs.
Temperature
I
OUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com