Electronic Components Datasheet Search
  English  ▼

X  

MP6545GF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6545GF
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6545GF Datasheet HTML 7Page - Monolithic Power Systems MP6545GF Datasheet HTML 8Page - Monolithic Power Systems MP6545GF Datasheet HTML 9Page - Monolithic Power Systems MP6545GF Datasheet HTML 10Page - Monolithic Power Systems MP6545GF Datasheet HTML 11Page - Monolithic Power Systems MP6545GF Datasheet HTML 12Page - Monolithic Power Systems MP6545GF Datasheet HTML 13Page - Monolithic Power Systems MP6545GF Datasheet HTML 14Page - Monolithic Power Systems MP6545GF Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
11
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, phase 1: switching with 20kHz frequency, phase 2: LS-FET on, phase 3: disabled,
TA = 25°C, resistor + inductor load: 4Ω + 0.34mH per phase with star connection.
Sleep Entry
Duty = 10%
Sleep Entry
Duty = 50%
CH1:
nSLEEP
CH2: VOUT1
CH4: IOUT1
CH1:
nSLEEP
CH2: VOUT1
CH4: IOUT1
Sleep Entry
Duty = 90%
HS-FET Minimum On Time
No load
CH1:
nSLEEP
CH2: VOUT1
CH4: IOUT1
CH1: HS1
CH2: VOUT1
LS-FET Minimum On Time
No load
CH1: HS1
CH2: VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com