Electronic Components Datasheet Search
  English  ▼

X  

MP6604AGF Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP6604AGF
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP6604AGF Datasheet HTML 11Page - Monolithic Power Systems MP6604AGF Datasheet HTML 12Page - Monolithic Power Systems MP6604AGF Datasheet HTML 13Page - Monolithic Power Systems MP6604AGF Datasheet HTML 14Page - Monolithic Power Systems MP6604AGF Datasheet HTML 15Page - Monolithic Power Systems MP6604AGF Datasheet HTML 16Page - Monolithic Power Systems MP6604AGF Datasheet HTML 17Page - Monolithic Power Systems MP6604AGF Datasheet HTML 18Page - Monolithic Power Systems MP6604AGF Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
15
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
External Component Selection
Bypass the VIN pins to GND using a
≥100nF
ceramic capacitor with X7R dielectrics. Place
this capacitor as close to the IC as possible.
Place an additional 1µF to 10µF ceramic
capacitor
near
the
≥100nF
capacitor.
Depending on the supply impedance and
distance to other large capacitors, an additional
electrolytic bulk capacitor may be required to
stabilize VIN.
Connect a 100nF ceramic capacitor rated for
VIN between the CPA and CPB pins. Connect a
1µF ceramic capacitor between the VIN and
VCP pins. This capacitor should be rated for
≥16V.
Connect a 1µF ceramic capacitor with X7R
dielectrics between the VREG and GND pins.
This capacitor should be rated for ≥16V.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best results, refer to Figure 3
and follow the guidelines below:
1. Place the VIN bypass capacitor and charge
pump capacitor as close to the IC as
possible. Place these capacitors adjacent to
the pins on the same PCB layer. Each VIN
pin should have a bypass capacitor.
2. Place as much copper as possible on the
long pads.
3. Place large copper areas on the pads, on
the same outer copper layer as the device.
4. Solder the thermal pad directly to the
copper on the PCB.
5. Add
multiple
thermal
vias
to
improve
thermal dissipation.
Recommended PCB Layout for the MP6604AGF
Recommended PCB Layout for the MP6604AGV
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com