Electronic Components Datasheet Search
  English  ▼

X  

201 Datasheet(PDF) 7 Page - Morse Mfg. Co., Inc.

Part # 201
Description  Wheeled Portable Drum Rollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

201 Datasheet(HTML) 7 Page - Morse Mfg. Co., Inc.

  201 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The Specialist In Drum Handling Equipment
201 Series
Wheeled Portable Drum Rollers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F201
(Updated 20 Jun, 2023)
7
Model #
Motor
Volts
Full
Load
Amp
Draw
Drum
RPM *
Drum Roller Capacity
Handle
Drum
Diameter
Maximum
Drum
Length
Guard Enclosure
Kit #
Control Package
OUTSIDE Enclosure
Model #
Liquid
Contents
Dry
Contents **
201VS-1
1/2 HP,
1-phase,
60Hz
115
7.4
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-1
N/A
201VS-1-50
1/2 HP,
1-phase,
50Hz
110 / 220 7.2 / 3.6 Variable
13 to 20
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-1
CP-201-1-220-50
201VS-3
1/2 HP,
3-phase,
60Hz
208-230 /
460
2.5-2.0 /
1.0
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-3
CP-201-3-230
CP-201-3-460
201VS-3-50
1/2 HP,
3-phase,
50Hz
230 /
400
1.7 / 1.0 Variable
13 to 20
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-3
CP-201-3-230-50
CP-201-3-400-50
201VS-575
1/2 HP,
3-phase,
60Hz
575
0.8
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-3
CP-201-3-575
201VS-E1
Explosion-proof,
1/2 HP,
1-phase,
60Hz
115 /
208-230
7.4 /
3.9-3.7
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-E1
CP-201-E1-115
CP-201-E1-230
201VS-E1-50
Explosion-proof,
1/2 HP,
1-phase,
50Hz
110 / 220 7.2 / 3.6 Variable
13 to 20
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-E1
CP-201-E1-220-50
201VS-E3
Explosion-proof,
1/2 HP,
3-phase,
60Hz
208-230 /
460
2.1-2.0 /
1.0
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-E3
CP-201-E3-208
CP-201-E3-230
CP-201-E3-460
201VS-E3-50
Explosion-proof,
1/2 HP,
3-phase,
50Hz
230 / 400 1.7 / 1.0 Variable
13 to 20
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-E3
CP-201-E3-230-50
CP-201-E3-400-50
201VS-E575
Explosion-proof,
1/2 HP,
3-phase,
60Hz
575
0.7
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-E3
CP-201-E3-575
201VS-A ***
Air Motor
-
-
Variable
15 to 24
500 Lb.
(227 kg)
300 Lb. (136 kg)
6” to 28”
(15 to 71 cm)
40”
(102 cm)
GEK-201-A
N/A
Variable Speed Wheeled Portable Drum Rollers
* RPM is based on standard 22.5” (57.15 cm) diameter 55-gallon (210 liter) drum.
** A shifting dry load exerts greater stress on the drum roller than the fluid motion of a liquid load.
*** Noise Level: 92 dB at distance of 6 feet (1.8 m)ww



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com