Electronic Components Datasheet Search
  English  ▼

X  

201 Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 201
Description  Wheeled Portable Drum Rollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

201 Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  201 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The Specialist In Drum Handling Equipment
201 Series
Wheeled Portable Drum Rollers
MADE
IN
USA
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F201
(Updated 20 Jun, 2023)
1
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Agitate your drum’s contents without even
opening the drum! Incorporate important
stratified ingredients and eliminate
sediment in the bottom of your drum.
Mixing in closed drums eliminates the
hazards, worker exposure, and messy
cleanup associated with insertion mixers.
This compact, portable mixer and drum
cradle rolls a closed drum to agitate the
contents. You may also dispense directly
from your drum through a faucet. The built-
in tipping bar provides leverage to ease
loading and unloading. The sides and back
are enclosed to protect the drive.
Drum Sizes
Roll a 6” to 28” (15.2 to 71 cm)
diameter drum
Up to 38” (97 cm) tall. Relocate
wheels to accommodate various steel
drum sizes.
The tipping lever will ONLY engage a
drum 30” (76.2 cm) or taller
Drum RPM
Fixed speed models roll a 22.5” (57.2 cm)
diameter drum at 20 RPM (16 RPM on 50Hz models)
Variable speed models roll a drum from
15 to 24 RPM (13 to 20 RPM on 50Hz models)
Capacity of Wheeled Models
Liquid load: 500 Lb. (227 kg)
Dry load 300 Lb. (136 kg)
Maximum ambient operating temperature
140o F (60o C)
Mix Contents of Closed Steel Drum
40”
101.6 cm
16.75”
42.5 cm
19.25”
48.9 cm
34.75”
88.3 cm
21”
53.3 cm
Simple Rock-Over Loading
Built-in tipping lever facilitates loading.
Frame shape and height make loading
easier. Note: Tipping lever only engages
drum 30” (76.2 cm) or taller.
Dispense Directly from Drum
Drain the contents
of a drum directly
into a smaller
container for
use as needed.
A closed faucet
can be in place
while the drum is
rotated.
Roll a 1 to 5 Gallon Can
Kit # 1-5P
Install this Idler
Attachment kit
to extend the
usefullness of
your drum roller.
Easily attached
with 4 bolts, the
spacers adjust to
roll a 1 to 5 gallon
(4 to 20 liter)
cylindrical can.
Rolls a 5-gallon
(20L) can at
approximately
double the RPM
of a 55-gallon (210L) drum.
Options and Accessories
Roll a Plastic Drum
Option # POLY-201
Factory installed option
to roll a plastic drum on
portable drum roller.
Extra wheels to
support flexible soft-
sided plastic drum
End stop to prevent
drum from traveling
Chain to assist in
pulling upright drum
over into rolling
position
POLY-201 is
NOT a drum
roller by itself.
Adds 62 Lb. (28.1 kg) to the ship weight and requires a skid.
Kit # POLY-201FI
Kit for customer to install on wheeled 201 Series drum roller.
Use common steel drum for mixing
No permanent container to purge between batches
Use separate drum for each batch
Top Rim Hook
Engage Top Rim Hook to help in tipping
it over into rolling position.
Internal Components
Large sprockets and roller chain for
years of reliable drum rolling.
Kick Stand
Deploy Kick Stand to support drum roller
in upright position.


Similar Part No. - 201

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
logo
List of Unclassifed Man...
201 ETC2-201 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
201 ETC2-201 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
More results

Similar Description - 201

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
DR0406-1R0M PRODUCTWELL-DR0406-1R0M Datasheet
102Kb / 5P
DRUM INDUCTORS
logo
Central Technologies
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
logo
Pulse A Technitrol Comp...
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
Shielded Drum Core
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
Shielded Drum Core
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
Unshielded Drum Core
logo
RENCO ELECTRONICS, INC.
RB-1 RENCO-RB-1 Datasheet
1Mb / 1P
DRUM CORES
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
?쏮INI-DRUM??INDUCTORS
logo
Morse Mfg. Co., Inc.
1-5154 MORSE-1-5154 Datasheet
770Kb / 5P
Single Stationary Drum Rollers
18 Aug, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com