Electronic Components Datasheet Search
  English  ▼

X  

400SS Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 400SS
Description  Stainless Steel Hydra-Lift Karriers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

400SS Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  400SS Datasheet HTML 1Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 2Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Specialist In Drum Handling Equipment
Stainless Steel
Hydra-Lift Karriers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 400SS
(Updated 11 Aug, 2023)
1
MADE
IN
USA
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Manual Tilt Models
have pull chain and
chain wheel tilt control.
> > Click to Watch Video < <
Lift and Dispense a Drum
•
Frame made of Bead Blast Finish Type 304 Stainless Steel
•
You Control Lifting Height and Pouring Angle
•
Removes Effort and Increases Productivity
•
Power Lift and Tilt Options
•
Heavy-Duty Hydraulics
•
360o Tilt Control in Either Direction
•
Capacity: 800 Lb. (363 kg) full drum
500 Lb. (227 kg) half-full* drum
Easily handle a heavy drum with a
Morse Hydra-Lift Karrier. Lift, move
and control pouring of a 55-gallon
(210 liter) drum weighing up to 800
Lb. (363 kg) with minimal effort.
Handle a variety of drums by installing
the correct accessories for your drum.
Models with maximum pouring heights
of 72” or 96” (183 or 244 cm).
You can raise and control dispensing
as necessary. Increase pouring angle
for full discharge, reduce to control the
pour rate, or reverse to stop pouring
and deliver partial drum contents.
Material is poured forward straight
from the drum with variable lift and
pour angles. Faucets, pipe, valve
extensions, etc. may be attached to
the drum.
Though most often used to lift and
pour, the Hydra-Lift Karrier can also
be used to lift drums on and off
scales, platforms, conveyors or trucks,
move drums to or from storage, or
position drums of parts for hand
access at work stations.
* Half-full rating is based on tilt mechanism’s capacity for handling a bottom heavy drum. A partially full drum with unbalanced and shifting load is harder to tilt than a full drum.
Model 400A-96SS-125
has 96” (2.44 m) dispensing height,
battery power lift, and manual tilt
Model #
Max.
Pouring
Height
R
H
L
O.D.
I.D.
Turning
Radius
Domestic
Ship
Weight
400A-72SS
72”
(1.83 m)
6”
(15 cm)
55”
(140 cm)
60”
(152 cm)
44”
(112 cm)
37”
(94 cm)
6’
350 Lb.
(159 kg)
400A-96SS
96”
(2.44 m)
-3”
(-7.6 cm)
69”
(175 cm)
72.5”
(184 cm)
49”
(124 cm)
42”
(107 cm)
7’
379 Lb.
(172 kg)
Each Hydra-Lift Karrier Features
Heavy-duty hydraulic ram has a built-in flow control for a
uniform, controlled speed of descent with even the heaviest
drum. Heavy duty hydraulic lift cylinders include a velocity
fuse to provide a full line shut-off in the event of a line
failure.
Easy maneuverability on two 8” (20.3 cm) durable polyolefin
wheels and two 4” (10.2 cm) swivel carbon steel casters
hidden under the base. A step-down floor lock to help hold
Hydra-Lift Karrier in place while you dispense from drum.
Frame is made of bead blast finished type 304 stainless.
Welds are not ground smooth or polished. Ratchet and
pawl are not stainless steel, but are coated with FDA
compliant powder coat.
Gears, sprockets and chain are not stainless steel, but are
covered with guards.
Manual-Lift Models have hydraulic hand pump with variable
release valve for drum lift.
Manual-Tilt Models have covered tilt
gears with 30:1 reduction to make
pouring your drum simple and easy.
Option # SSG-MT Stainless gears
on manual tilt model
Option # SSG-PT Stainless gears on
power tilt model
Option # 5597SSi-P Stainless steel
ratchet and pawl
Drum Handling System
•
Automatically adjusts for 22” to 23.5”
(56 to 59.7 cm) diameter drum
•
Accepts Diameter Adapters for smaller drums
•
Accepts Top Rim Clamp or Bracket Assembly
to handle a plastic or fiber drum
•
Flexible cover on the
cinch chain helps
protect drum sidewall
•
Durable stress relief
weld joints
Reach Beyond Front Wheels with a 55-Gallon Steel Drum
Model #
Dispensing Height
Reach with
Horizontal Drum
Reach with Drum Pouring
at 45 Degrees
400A-72SS
36” (91.4 cm)
16” (40.6 cm)
2” (5.1 cm)
48” (121.9 cm)
15” (38.1 cm)
0
60” (152.4 cm)
12” (30.5 cm)
-7” (-17.8 cm)
72” (182.9 cm)
6” (15.2 cm)
- N/A -
400A-96SS
36” (91.4 cm)
11” (27.9 cm)
-1” (-2.5 cm)
48” (121.9 cm)
13” (33 cm)
0
60” (152.4 cm)
13” (33 cm)
-3” (-7.6 cm)
72” (182.9 cm)
11” (27.9 cm)
-7” (-17.8 cm)
84” (213.4 cm)
6” (15.2 cm)
-15” (-38.1 cm)
96” (243.8 cm)
-3” (-7.6 cm)
-20” (-50.8 cm) at 90” (228.6 cm)
Manual Tilt Control Options
We recommend
Option # 3900SSi-P
MORStop Tilt-Brake to automatically
hold drum tilt angle.
Option X02-400-72SS
or X02-400-96SS
9” (22.9 cm) Hand Crank
(shown left)
Option X03-400-72SS
or X03-400-96SS
16” (40.6 cm) Hand Wheel
(shown right)


Similar Part No. - 400SS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400SS001M08 GLENAIR-400SS001M08 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
400SS001M10 GLENAIR-400SS001M10 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
400SS001M12 GLENAIR-400SS001M12 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
400SS001M14 GLENAIR-400SS001M14 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
400SS001M16 GLENAIR-400SS001M16 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
More results

Similar Description - 400SS

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
logo
Morse Mfg. Co., Inc.
400 MORSE-400 Datasheet
861Kb / 3P
Hydra-Lift Karriers
Aug, 2023
410 MORSE-410 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com