Electronic Components Datasheet Search
  English  ▼

X  

400SS Datasheet(PDF) 3 Page - Morse Mfg. Co., Inc.

Part # 400SS
Description  Stainless Steel Hydra-Lift Karriers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

400SS Datasheet(HTML) 3 Page - Morse Mfg. Co., Inc.

  400SS Datasheet HTML 1Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 2Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Specialist In Drum Handling Equipment
Stainless Steel
Hydra-Lift Karriers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 400SS
(Updated 11 Aug, 2023)
3
MADE
IN
USA
Stainless Steel Hydra-Lift Karrier Model Numbers
Lift
Height
AC Motor ***
Power Lift and Tilt
Air Motor †
Power Lift & Tilt
12V DC **
Power Lift & Tilt
AC Motor ***
Power Lift, Manual Tilt *
Air Motor †
Power Lift, Manual Tilt *
12V DC **
Power Lift, Manual Tilt *
Manual Lift &
Manual Tilt *
72”
400A-72SS-110
400A-72SS-114
400A-72SS-115
400A-72SS-120
400A-72SS-124
400A-72SS-125
400A-72SS
96”
400A-96SS-110
400A-96SS-114
400A-96SS-115
400A-96SS-120
400A-96SS-124
400A-96SS-125
400A-96SS
* Manual tilt control is chain wheel and pull-chain.
** 12V DC power option includes battery and 110V AC charger.
*** Standard AC motors are 1HP, 115V, 60 Hz, TEFC. Explosion-proof motors and
50Hz motors are also available.
† Air motor Requirements: 40 to 60 PSI at 40 SCFM
Options and Accessories
Option #
Description
4560SS-P
Stainless Steel Top Rim Clamp for rimmed 55-gallon plastic drum
4556SS-P
Stainless Steel Bracket Assembly required for rimless 55-gallon plastic drum
55/30SS Series
Stainless Steel Diameter Adapters for various sizes of smaller drum
5115SSi-P
MORCINCHTM Web Strap and Stainless Steel Ratchet Option
3900SSi-P
Stainless Steel MORStopTM Tilt-Brake for manual tilt models only
X02-400-72SS
Stainless Steel Simple Hand Crank for 72” manual tilt models
X02-400-96SS
Stainless Steel Simple Hand Crank for 96” manual tilt models
X03-400-72SS
Stainless Steel 16” Hand Wheel for 72” manual tilt models
X03-400-96SS
Stainless Steel 16” Hand Wheel for 96” manual tilt models
SSG-PT
Stainless Steel Gears and Sprockets on Hydra-Lift Karrier with POWER TILT
SSG-MT
Stainless Steel Gears and Sprockets on Hydra-Lift Karrier with MANUAL TILT
5597SSi-P
Stainless Steel Ratchet and Pawl
FGO
Food Grade Hydraulic Oil
Model 400A-72SS-120
Has 72” (1.83 m) dispensing
height, electric power lift, and
manual drum tilt.
Shown with
Option X02-400-72SS
9” (22.9 cm) Hand Crank
Model 400A-96SS-125
Has 96” (2.44 m) dispensing height, battery power lift,
and manual drum tilt with pull chain tilt control.
Raise drum with ergonomic battery power drum lift. Models
are available with battery, electric or air power drum lift. . .
or choose a model with powered drum lift AND tilt.
Turn drum 360o in either direction with pull chain and chain
wheel. Models are also available with battery, electric or
air power drum tilt.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com