Electronic Components Datasheet Search
  English  ▼

X  

TCM8002 Datasheet(PDF) 16 Page - Texas Instruments

Part # TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TCM8002 Datasheet HTML 12Page - Texas Instruments TCM8002 Datasheet HTML 13Page - Texas Instruments TCM8002 Datasheet HTML 14Page - Texas Instruments TCM8002 Datasheet HTML 15Page - Texas Instruments TCM8002 Datasheet HTML 16Page - Texas Instruments TCM8002 Datasheet HTML 17Page - Texas Instruments TCM8002 Datasheet HTML 18Page - Texas Instruments TCM8002 Datasheet HTML 19Page - Texas Instruments TCM8002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C – SEPTEMBER 1994 – REVISED JUNE 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 8. Address 03 – Interrupt-Control Word 1
BIT
INTERRUPT ENABLED
(WHEN BIT IS SET)
0
RX data available
1
TX buffer available
2
Arbitration failure
3
TX sequence completed
4
Change of RECC bus/idle status
5
Counter/timer reaches zero state
6
SAT measurement decision changes
Table 9. Address 04 – Interrupt-Control Word 2
BIT
INTERRUPT ENABLED
(WHEN BIT IS SET)
0
TCM8010 interface activity completed
1
FVC dotting detected
2
FVC frame sync achieved
3
Change of FOCC frame-sync status
4
SAT measurement update (every 0.2 seconds)
Table 10. Address 05 – PIO1 Control Word
BIT (0 – 7)
CORRESPONDING TERMINAL FUNCTION
(0 – 7)
0
Input
1
Output
The eight terminals of the port are configured as inputs by default. The terminals have programmable 10-
µA
pullups that can be disabled using bit 4 of control word 2.
address 06 – PIO1 output word
This sets the state of the PIO1 terminals when configured as outputs.
address 07 – PIO2 control word
This selects whether the individual port 2 terminals are configured as inputs or outputs.
address 08 – PIO2 output word
This sets the state of the PIO2 terminals when configured as outputs.
address 09 – PIO3 control word
This selects whether the individual port 3 terminals are configured as inputs or outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com