Electronic Components Datasheet Search
  English  ▼

X  

TCM8002 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCM8002 Datasheet HTML 17Page - Texas Instruments TCM8002 Datasheet HTML 18Page - Texas Instruments TCM8002 Datasheet HTML 19Page - Texas Instruments TCM8002 Datasheet HTML 20Page - Texas Instruments TCM8002 Datasheet HTML 21Page - Texas Instruments TCM8002 Datasheet HTML 22Page - Texas Instruments TCM8002 Datasheet HTML 23Page - Texas Instruments TCM8002 Datasheet HTML 24Page - Texas Instruments TCM8002 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C – SEPTEMBER 1994 – REVISED JUNE 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
address 13 – RX data word 3
This register contains the corrected received data bits 3 – 0 and the error-correction status detailed in Table 17.
Table 18. Received Data Word 3
BIT
FUNCTION
7
RX data bit 3
6
RX data bit 2
5
RX data bit 1
4
RX data bit 0
3–0
Received-data decode status
Table 19. Error-Correction Status
RECEIVED DATA WORD 3
DECODE STATUS
BIT 3
BIT 2
BIT 1
BIT 0
DECODE STATUS
0
0
0
0
No errors detected
0
0
0
1
One error detected in parity bits
0
0
1
0
Two errors detected in parity bits
0
0
1
1
Not used
0
1
0
0
One error corrected in data
0
1
0
1
One error corrected in data, one error detected in parity bits
0
1
1
0
Not used
0
1
1
1
Not used
1
0
0
0
Two errors corrected in data
1
0
0
1
Not used
1
0
1
0
Not used
1
0
1
1
Not used
1
1
0
0
More than two erasures occurred (see Note 2). Up to two data bits
are corrected.
1
1
0
1
More than two erasures occurred (see Note 2). One error detected
in parity bits. Up to one data bit are corrected.
1
1
1
0
More than two erasures occurred (see Note 2). Two errors in parity
bits are detected.
1
1
1
1
More than two errors detected. Data is not corrected.
NOTE 2: A bit erasure occurs when the bit is detected an equal number of times as a 1 and as a 0 over the
valid repeats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com