Electronic Components Datasheet Search
  English  ▼

X  

SI823H2AB-AS1 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Description  4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SI823H2AB-AS1 Datasheet HTML 1Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 2Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 3Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 4Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 5Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 6Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 7Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 8Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
1. Ordering Guide
Industrial and Automotive Grade OPNs
Industrial-grade devices (part numbers having an “-I” in their suffix) are built using well-controlled, high-quality manufacturing flows to
ensure robustness and reliability. Qualifications are compliant with JEDEC, and defect reduction methodologies are used throughout
definition, design, evaluation, qualification, and mass production steps.
Automotive-grade devices (part numbers having an “-A” in their suffix) are built using automotive-specific flows at all steps in the
manufacturing process to ensure robustness and low defectivity. These devices are supported with AIAG-compliant Production Part
Approval Process (PPAP) documentation, and feature International Material Data System (IMDS) and China Automotive Material
Data System (CAMDS) listing. Qualifications are compliant with AEC-Q100, and a zero-defect methodology is employed throughout
definition, design, evaluation, qualification, and mass production steps.
Table 1.1. Si823Hx Ordering Guide
Ordering Part
Number (OPN)
Automotive
OPN
Configuration Output
UVLO
(V)
Enable /
Disable
Dead
Time
Setting
(ns)
Deglitch
Delayed
Startup
Time
Package
Type
Isolation
Rating
(kVRMS)
Si823H9AC-IS
Si823H9AC-AS
Single
6
EN
N/A
No
No
NB SOIC-8
3.75
Si823H9BC-IS
Si823H9BC-AS
Single
8
EN
N/A
No
No
NB SOIC-8
3.75
Si823H9CC-IS
Si823H9CC-AS
Single
12
EN
N/A
No
No
NB SOIC-8
3.75
Si823H9TC-IS
Si823H9TC-AS
Single
12
DIS
N/A
No
No
NB SOIC-8
3.75
Si823H1AB-IS1 Si823H1AB-AS1 HS/LS, VIA/VIB
6
DIS
20–200
No
No
NB SOIC-16
2.5
Si823H1BB-IS1 Si823H1BB-AS1 HS/LS, VIA/VIB
8
DIS
20–200
No
No
NB SOIC-16
2.5
Si823H1CB-IS1 Si823H1CB-AS1 HS/LS, VIA/VIB
12
DIS
20–200
No
No
NB SOIC-16
2.5
Si823H2AB-IS1 Si823H2AB-AS1 HS/LS, VIA/VIB
6
EN
20–200
No
No
NB SOIC-16
2.5
Si823H2BB-IS1 Si823H2BB-AS1 HS/LS, VIA/VIB
8
EN
20–200
No
No
NB SOIC-16
2.5
Si823H2CB-IS1 Si823H2CB-AS1 HS/LS, VIA/VIB
12
EN
20–200
No
No
NB SOIC-16
2.5
Si823H3AB-IS1 Si823H3AB-AS1 HS/LS, VIA/VIB
6
DIS
20–200
Yes
No
NB SOIC-16
2.5
Si823H3BB-IS1 Si823H3BB-AS1 HS/LS, VIA/VIB
8
DIS
20–200
Yes
No
NB SOIC-16
2.5
Si823H3CB-IS1 Si823H3CB-AS1 HS/LS, VIA/VIB
12
DIS
20–200
Yes
No
NB SOIC-16
2.5
Si823H4AB-IS1 Si823H4AB-AS1
HS/LS, PWM
6
EN
20–200
No
No
NB SOIC-16
2.5
Si823H4BB-IS1 Si823H4BB-AS1
HS/LS, PWM
8
EN
20–200
No
No
NB SOIC-16
2.5
Si823H4CB-IS1 Si823H4CB-AS1
HS/LS, PWM
12
EN
20–200
No
No
NB SOIC-16
2.5
Si823H5AB-IS1 Si823H5AB-AS1
Dual, VIA, VIB
6
EN
N/A
No
No
NB SOIC-16
2.5
Si823H5BB-IS1 Si823H5BB-AS1
Dual, VIA, VIB
8
EN
N/A
No
No
NB SOIC-16
2.5
Si823H5CB-IS1 Si823H5CB-AS1
Dual, VIA, VIB
12
EN
N/A
No
No
NB SOIC-16
2.5
Si823H6AB-IS1 Si823H6AB-AS1
Dual, VIA, VIB
6
DIS
N/A
No
No
NB SOIC-16
2.5
Si823H6BB-IS1 Si823H6BB-AS1
Dual, VIA, VIB
8
DIS
N/A
No
No
NB SOIC-16
2.5
Si823H6CB-IS1 Si823H6CB-AS1
Dual, VIA, VIB
12
DIS
N/A
No
No
NB SOIC-16
2.5
Si823H7AB-IS1 Si823H7AB-AS1
Dual, VIA, VIB
6
EN
N/A
No
Yes
NB SOIC-16
2.5
Si823H7BB-IS1 Si823H7BB-AS1
Dual, VIA, VIB
8
EN
N/A
No
Yes
NB SOIC-16
2.5
Si823H7CB-IS1 Si823H7CB-AS1
Dual, VIA, VIB
12
EN
N/A
No
Yes
NB SOIC-16
2.5
Si823H8AB-IS1 Si823H8AB-AS1
HS/LS, PWM
6
DIS
20–200
No
No
NB SOIC-16
2.5
Si823Hx Data Sheet • Ordering Guide
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
206414A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 1, 2022
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com