Electronic Components Datasheet Search
  English  ▼

X  

SI823H2AB-AS1 Datasheet(PDF) 21 Page - Skyworks Solutions Inc.

Part # SI823H2AB-AS1
Description  4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI823H2AB-AS1 Datasheet(HTML) 21 Page - Skyworks Solutions Inc.

Back Button SI823H2AB-AS1 Datasheet HTML 17Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 18Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 19Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 20Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 21Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 22Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 23Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 24Page - Skyworks Solutions Inc. SI823H2AB-AS1 Datasheet HTML 25Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Table 4.2. Regulatory Information1, 3, 4
CSA
The Si823Hx is certified under CSA, see Master Contract Number 232873.
62368-1: Up to 600 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage.
VDE
The Si823Hx is certified under VDE. For more details, see File 5006301.
62368-1: Up to 600 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage.
UL
The Si823Hx is certified under UL1577 component recognition program. For more details, see File E257455.
Rated up to 5000 VRMS isolation voltage VISO for basic protection.
CQC
The Si823Hx is certified under GB4943.1-2011.
Rated up to 250 VRMS reinforced insulation working voltage at 5000 meters.
Note:
1. Regulatory Certifications apply to 2.5 kVRMS rated devices which are production tested to 3.0 kVRMS for 1sec.
2. Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1sec.
3. Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1sec.
4. For more information, see Chapter 1. Ordering Guide.
Si823Hx Data Sheet • Electrical Characteristics
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
21
206414A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 1, 2022
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com