Electronic Components Datasheet Search
  English  ▼

X  

2170347 Datasheet(PDF) 1 Page - Lapp.

Part # 2170347
Description  UNITRONIC® BUS DN THIN FD Y 1x2x24 /19 AWG 1x2x22/19 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170347 Datasheet(HTML) 1 Page - Lapp.

  2170347 Datasheet HTML 1Page - Lapp. 2170347 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170347
DATA SHEET
valid from:
10.03.2020
1x2x24/19 AWG + 1x2x22/19 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170347EN
Version:
03
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
UNITRONIC
® BUS DeviceNet is a field bus cable based on proven CAN (Controll Area
Network) technology with lengthrelated transmission rates (125/250 and 500) kbit/s. Up to
64 participants can communicate in the network with one another.
These cable includes two wires for data transmission and also two wires for the powersupply
(24 V DC). The product
with a nominal impedance of 120 Ω is resistance to a lot of oils, has a moderate UV-resistant
and is suitable for highly flexible applications. DeviceNet connects limit switches,
photoelectric switches, valve islands, motor starters, drives, PLCs, etc.
Data transfer rate: 125 kBit/s =500 m, 250 kBit/s =250 m, 500 kBit/s =100 m
Design
Certification
c(UL)us CMG 75°C acc. to UL 444 and CSA C22.2 No. 214 or
CL2 FT4 OIL RES SUN RES acc. to UL 13
Conductor
data pair:
fine-wire stranded tinned copper
24/19 AWG (19x0,127 mm ∅)
∅ ca. 0,63 mm
power pair:
fine-wire stranded tinned copper
22/19 AWG (19x0,160 mm ∅)
∅ ca. 0,80 mm
Insulation
data pair:
foamed PE
core-∅: ca. 1,90 mm
power pair:
PVC
core-∅: ca. 1,40 mm
Core identification code
data pair:
white, blue
power pair:
red, black
Stranding
data pair with power pair and optional fillers stranded around central drain-wire
(fine-wire stranded tinned copper, 22/19 AWG (19x0,160 mm ∅), ∅ ca. 0,80 mm)
Pair screen
data pair: plastic laminated aluminium foil (overlapping)
power pair: plastic laminated aluminium foil (overlapping)
Screen
conductive plastic tape
on top:
braid of tinned copper wires (coverage ca. 70 %)
Taping
non-woven tape (overlapping)
Outer sheath
PVC
violet, similar RAL 4001
outer-Ø: ca. 6,9 mm
dl safjl öjf


Similar Part No. - 2170347

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170340 LAPP-2170340 Datasheet
207Kb / 2P
UNITRONIC™ BUS DN THICK FRNC 1x2xAWG 18 1x2xAWG15
01.02.2019
More results

Similar Description - 2170347

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
2170433 LAPP-2170433 Datasheet
393Kb / 2P
ETHERLINE P EC FD Cat. 5e 1x4x26/19 AWG
2023-08-11
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170489 LAPP-2170489 Datasheet
431Kb / 2P
ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
2023-07-31
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com