Electronic Components Datasheet Search
  English  ▼

X  

2170347 Datasheet(PDF) 2 Page - Lapp.

Part # 2170347
Description  UNITRONIC® BUS DN THIN FD Y 1x2x24 /19 AWG 1x2x22/19 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170347 Datasheet(HTML) 2 Page - Lapp.

  2170347 Datasheet HTML 1Page - Lapp. 2170347 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170347
DATA SHEET
valid from:
10.03.2020
1x2x24/19 AWG + 1x2x22/19 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170347EN
Version:
03
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical properties at 20°C
Conductor resistance
data cores:
max. 90,9 Ω
power cores:
max. 57,4 Ω
drain-wire:
max. 57,4 Ω
Insulation resistance
200 MΩxkm
Mutual capacitance
data pair:
nom. 39,8 nF/km (1 kHz)
power pair:
nom. 39,8 nF/km (1 kHz)
Inductance
data pair:
nom. 900 mH/km (1 kHz)
power pair:
nom. 700 mH/km (1 kHz)
Characteristic impedance
120 Ω ± 10 % (1 MHz)
Attenuation
125 kHz:
nom. 0,95 dB/100m
500 kHz:
nom. 1,64 dB/100m
1 MHz:
nom. 2,29 dB/100m
Velocity of propagation
0,70 c
Signal propagation time
nom. 480 ns/km (1 MHz)
Peak operating voltage
300 V (not for power purposes)
Test voltage
core/core
2000 V
core/screen
2000 V
Mechanical and thermal properties
Minimum bending radius
fixed:
7,5x cable ∅
occasional flexing:
15x cable ∅
Temperature range
-10 ˚C bis +80 ˚C
Flammability
flame retardant acc. to EN 60332-1-2 resp. IEC 60332-2
FT4 acc. To. UL 1685
UV resistance
SUN RES acc. to UL 444 §7.22
Oil resistance
OIL RES acc. To UL 13 §40.2
General requirements
These cables are conform to the EU-Directive 2011/65/EU (RoHS, Restriction of the use of
certain hazardous substances) and the LV-Directive 2014/35/EU (Low voltage Directive).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com