Electronic Components Datasheet Search
  English  ▼

X  

C1226 Datasheet(PDF) 2 Page - IMP, Inc

Part # C1226
Description  CMOS 1.2um 100V CMOS, Double Metal - Double Poly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1226 Datasheet(HTML) 2 Page - IMP, Inc

  C1226 Datasheet HTML 1Page - IMP, Inc C1226 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
C1226-11-01
Min Channel Width
4.0
µm
Diffusion Overlap of Contact
1.0
µm
Min Spacing, Active Region, 5V
2.0
µm
Poly Overlap of Contact
1.0
µm
Poly1 Width/Space
1.5/2.0
µm
Contact to Poly Space
1.5
µm
Poly2 Width/Space
3.0/2.0
µm
Metal-1 Overlap of Contact
1.0
µm
Contact Width/Space
1.5/1.5
µm
Minimum Pad Opening
65x65
µm
Via Width/Space
1.5/1.5
µm
Minimum Pad to Pad Spacing
5.0
µm
Metal-1 Width/Space
2.5/1.5
µm
Minimum Pad Pitch
80
µm
Metal-2 Width/Space
2.5/1.5
µm
Diffusion & Thin Films
Symbol
Minimum
Typical
Maximum
Unit
Comments
Starting Material p<100>
Well (field) Sheet Resistance
ρ
N-well(f)
1.0
1.7
2.4
K
Ω/
n-well
N+ Sheet Resistance
ρ
N+
20
35
50
Ω/
N+ Junction Depth
xjN+
0.3
µm
P+ Sheet Resistance
ρ
P+
60
110
150
Ω/
P+ Junction Depth
xjP+
0.3
µm
High-Voltage Gate Oxide Th
HTGOX
24
nm
Gate Oxide Thickness
TGOX
24
nm
Interpoly Oxide
IPOX
33.6
42.0
50.4
nm
Gate Poly Sheet Resistance
ρ
POLY1
30.0
Ω/
Metal-1 Sheet Resistance
ρ
M1
45
m
Ω/
Metal-2 Sheet Resistance
ρ
M2
29
m
Ω/
Passivation Thickness
TPASS
200+900
nm
oxide+nit.
High Voltage Section Rules
Layout Rules
Physical Characteristics
Process C1226



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com