Electronic Components Datasheet Search
  English  ▼

X  

C1226 Datasheet(PDF) 1 Page - IMP, Inc

Part # C1226
Description  CMOS 1.2um 100V CMOS, Double Metal - Double Poly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1226 Datasheet(HTML) 1 Page - IMP, Inc

  C1226 Datasheet HTML 1Page - IMP, Inc C1226 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
69
© 2001 IMP, Inc.
Process C1226
CMOS 1.2
µm
100V CMOS, Double Metal - Double Poly
Electrical Characteristics
T = 25oC Unless otherwise noted
ISO 9001 Registered
®
Symbol
Minimum
Typical
Maximum
Unit
Comments
N-Channel High Voltage Transistor
Threshold Voltage
HVTN
0.70
0.90
1.10
V
Punch Through Voltage
HVBVDSSN
120
V
ON Resistance
HVPR0N
550
700
850
Ω
W/L = 147/5
Operating Voltage
VGS = 5V
VDS = 100V
N-Channel Low Voltage Transistor
Threshold Voltage
VTN
0.30
0.45
0.65
V
100x1.5
µm
Body Factor
γN
0.475
V1/2
100x1.5
µm
Conduction Factor
βN
64
78
92
µA/V2
100x100
µm
Effective Channel Length
LeffN
1.35
µm
100x1.5
µm
Width Encroachment
∆WN
0.4
µm
Per side
Punch Through Voltage
BVDSSN
512
V
Poly Field Threshold Voltage
VTFPN
815
V
Symbol
Minimum
Typical
Maximum
Unit
Comments
P-Channel High Voltage Transistor
Threshold Voltage
HVTP
–0.70
–0.90
–1.10
V
Punch Through Voltage
HVBVDSSP
–120
V
ON Resistance
HVPR0N
2000
2500
3000
Ω
W/L = 139/5
Operating Voltage
VGS = 5V
VDS = 100V
V
P-Channel Low Voltage Transistor
Threshold Voltage
VTP
-0.65
–0.45
–0.30
V
100x1.5
µm
Body Factor
γ P
0.6
V1/2
100x1.5
µm
Conduction Factor
β P
20
25
30
µA/V2
100x100
µm
Effective Channel Length
LeffP
1.5
µm
100x1.5
µm
Width Encroachment
∆WP
0.4
µm
Per side
Punch Through Voltage
BVDSSP
–5
–12
V
Poly Field Threshold Voltage
VTFP(P)
–8
–12
V


Similar Part No. - C1226

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122 SSDI-C122 Datasheet
215Kb / 4P
8-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C122 DIGITRON-C122 Datasheet
358Kb / 4P
8A SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C122 NJSEMI-C122 Datasheet
91Kb / 1P
C122 SERIES
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
logo
TDK Electronics
C1220CH0G105B020A TDK-C1220CH0G105B020A Datasheet
110Kb / 8P
Part Number Change Notification
More results

Similar Description - C1226

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
C1227 IMP-C1227 Datasheet
28Kb / 2P
HV BiCMOS 1.2mm 30V Double Metal - Double Poly
C0810 IMP-C0810 Datasheet
30Kb / 2P
CMOS 0.8mm High-Resistance Poly for Analog
logo
List of Unclassifed Man...
MRD520A ETC1-MRD520A Datasheet
80Kb / 9P
1.2um CMOS integrated circuit for purpose of amplification
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
Double UART 8-bit CMOS Microcontroller
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
Double UART 8-bit CMOS Microcontroller, 0-60 MHz
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245_11 Datasheet
216Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Suntsu Electronics, Inc...
SOC20C SUNTSU-SOC20C Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC36C SUNTSU-SOC36C Datasheet
415Kb / 3P
Metal DIP CMOS OCXO
SOC50C SUNTSU-SOC50C Datasheet
451Kb / 3P
Metal DIP CMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com