Electronic Components Datasheet Search
  English  ▼

X  

STM32MP153F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STM32MP153F Datasheet HTML 2Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
2.1 Processor Comparison
The OSD32MP15x family supports all variations of the STM32MP1 microprocessor series with
dual Arm® Cortex®-A7 and Cortex®-M4 Cores from STMicroelectronics. They are all pin
compatible except for where the function does not exist on that particular variation. Refer to
Table 2-1 for the differences between the different processor variations.
Table 2-1 - STM32MP1 Processor Comparison
STM32MP1 Devices
STM32MP157C
2
650
1
209
✓
533
✓
2
✓
STM32MP157F
2
800
1
209
✓
533
✓
2
✓
STM32MP157A
2
650
1
209
✓
533
-
2
✓
STM32MP157D
2
800
1
209
✓
533
-
2
✓
STM32MP153C
2
650
1
209
-
-
✓
2
-
STM32MP153F
2
800
1
209
-
-
✓
2
-
STM32MP153A
2
650
1
209
-
-
-
2
-
STM32MP153D
2
800
1
209
-
-
-
2
-
See Section 3 Product Number Information for available processor variants.
2.2 Passives
Besides the six major components, the OSD32MP15x also integrates capacitors, resistors,
inductors, and ferrite beads (Passives). Table 2-2 and Table 2-4 lists the equivalent
capacitance and resistance integrated into the OSD32MP15x. This includes the approximate
bulk capacitance on input and output power rails as well as all pull-up resistor locations and
values.
Table 2-3 outlines the recommended external bulk capacitance that should be included
externally on the system power output rails only if they are being used. No other external
decoupling / bypass capacitors are needed in most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com