Electronic Components Datasheet Search
  English  ▼

X  

STM32MP153F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STM32MP153F Datasheet HTML 1Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 2Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
Introduction
The OSD32MP15x System-in-Package
(SiP) devices deliver all the power of a
Microprocessor in a package that feels like
a Microcontroller in the smallest possible
footprint.
At their core, the OSD32MP15x devices
have the versatile STMicroelectronics
STM32MP15x featuring Dual Arm®
Cortex® A7 Cores and an Arm® Cortex®
M4. Along with the processor, the
OSD32MP15x integrates up to 1GB of
DDR3L, STPMIC1 Power Management IC,
EEPROM, MEMs Oscillator, and passives
into a single easy to use BGA package.
This integration enables fastest designs with
the STM32MP15x by removing the tedious
tasks that do not add value to an end
system while allowing low cost-
manufacturing and miniaturized products.
Features
• ST STM32MP15x, DDR3L, STPMIC1A,
4KB EEPROM, Oscillator and passive
components integrated into a single
package
• STM32MP15x Features:
o Arm® Cortex®-A7 up to 800MHz x2
o Arm® Cortex®-M4 up to 209MHz
o NEON
™SIMD Coprocessor x2
o Arm® TrustZone®
o USB 2.0 HS + PHY x2
o Ethernet 10/100/1000
o CAN FD/TTCAN x2, UART x4,
USART x4, SPI x6, I2C x6, I2S x3,
QSPI x2
o eMMC/SD/SDIO Ports x3
o GPIO x148
o 24-bit RGB Display, MIPI DSI
o Camera Interface
o 22 Channel 16-bit ADC x2, 12-bit
DAC x2
o Configurable I/O voltage (1.8V - 3.3V)
• Access to all Signals of the STM32MP1
TFBGA 361 Package
• Up to 1GB DDR3L
• Low Power MEMS Oscillator
• Single Voltage Input: 2.8V-5.5V
• Integrated Boost: 5.2V
• System Power: Buck, Boost, LDOx4,
Power Switch x2
Benefits
• Integrates over 100 components
• Compatible with STM32MP1
development tools and software
• Significantly reduces design time
• Up to 64% reduction in board space vs
discrete implementation
• Decreases layout complexity
• Wide BGA ball pitch allows low-cost
assembly
• Simplifies component sourcing
• Increased reliability through reduced
number of components
Package
• 18mm X 18mm BGA
• 302 Ball, 1mm Pitch
• Temp Range: 0 to 85°C, -40 to 85°C
OSD32MP15x Block Diagram


Similar Part No. - STM32MP153F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP153F STMICROELECTRONICS-STM32MP153F Datasheet
3Mb / 254P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
February 2020 Rev 3
More results

Similar Description - STM32MP153F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
1-Wire 4Kb EEPROM
Rev 3; 5/12
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
Passive DWDM Components
logo
Samsung semiconductor
RP164PJ122CS SAMSUNG-RP164PJ122CS Datasheet
4Mb / 20P
Passive components sales offices
logo
Hamamatsu Corporation
P12347-01 HAMAMATSU-P12347-01_15 Datasheet
452Kb / 17P
Color sensor proximity sensor and 3-color LED incorporated into a single package
logo
SOURIAU-SUNBANK Connect...
38999 SOURIAU-38999 Datasheet
342Kb / 2P
Turn ELIO짰 Into Standard ST Contact
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
4Kb 1-Wire EEPROM
19-5581; 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com