Electronic Components Datasheet Search
  English  ▼

X  

PC7447A Datasheet(PDF) 14 Page - ATMEL Corporation

Part # PC7447A
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447A Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button PC7447A Datasheet HTML 10Page - ATMEL Corporation PC7447A Datasheet HTML 11Page - ATMEL Corporation PC7447A Datasheet HTML 12Page - ATMEL Corporation PC7447A Datasheet HTML 13Page - ATMEL Corporation PC7447A Datasheet HTML 14Page - ATMEL Corporation PC7447A Datasheet HTML 15Page - ATMEL Corporation PC7447A Datasheet HTML 16Page - ATMEL Corporation PC7447A Datasheet HTML 17Page - ATMEL Corporation PC7447A Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
5387B–HIREL–07/05
PC7447A [Preliminary]
Figure 6-4.
Thermal Performance of Select Thermal Interface Material
6.4.4.1
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
T
j = TI + Tr + (R
θJC + Rθint + Rθsa) × Pd
where:
T
j is the die-junction temperature
T
i is the inlet cabinet ambient temperature
T
r is the air temperature rise within the computer cabinet
RθJC is the junction-to-case thermal resistance
Rθint is the adhesive or interface material thermal resistance
Rθsa is the heat sink base-to-ambient thermal resistance
P
d is the power dissipated by the device
0
0.5
1
1.5
2
010
20
30
40
50
60
70
80
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com