Electronic Components Datasheet Search
  English  ▼

X  

PC7447A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC7447A
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC7447A Datasheet HTML 17Page - ATMEL Corporation PC7447A Datasheet HTML 18Page - ATMEL Corporation PC7447A Datasheet HTML 19Page - ATMEL Corporation PC7447A Datasheet HTML 20Page - ATMEL Corporation PC7447A Datasheet HTML 21Page - ATMEL Corporation PC7447A Datasheet HTML 22Page - ATMEL Corporation PC7447A Datasheet HTML 23Page - ATMEL Corporation PC7447A Datasheet HTML 24Page - ATMEL Corporation PC7447A Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
5387B–HIREL–07/05
PC7447A [Preliminary]
8. Pinout Listings
Table 8-1 provides the pinout listing for the PC7447A, 360 HITCE package. The pinouts of the
PC7447A and PC7447 are pin compatible but there have been some changes. A PC7447A may
be populated on a board designed for a PC7447 provided all pins defined as ‘Not Connected’ for
the PC7447 are unterminated as required by the PC7457 RISC Microprocessor Specification.
The PC7447A uses pins previously marked ‘Not Connected’ for the temperature diode pins and
for additional power and ground connections. Because these ‘Not Connected’ pins in the
PC7447 360 pin package are not driven in functional mode, a PC7447 can be populated in a
PC7447A board. See section ”Connection Recommendations” on page 37 for additional
information.
Note:
This pinout is not compatible with the PC750, PC7400, or PC7410 360 BGA package.
Table 8-1.
Pinout Listing for the PC7447A, 360 HITCE Package
Signal Name
Pin Number
Active
I/O
I/F Select(1)
A[0:35](2)
E11, H1, C11, G3, F10, L2, D11, D1, C10, G2, D12, L3, G4, T2, F4, V1,
J4, R2, K5, W2, J2, K4, N4, J3, M5, P5, N3, T1, V2, U1, N5, W1, B12,
C4, G10, B11
High
I/O
BVSEL
AACK
R1
Low
Input
BVSEL
AP[0:4](2)
C1, E3, H6, F5, G7
High
I/O
BVSEL
ARTRY(3)
N2
Low
I/O
BVSEL
AV
DD
A8
–
Input
BVSEL
BG
M1
Low
Input
BVSEL
BMODE0(4)
G9
Low
Input
BVSEL
BMODE1(5)
F8
Low
Input
BVSEL
BR
D2
Low
Output
BVSEL
BVSEL(1)(6)
B7
High
Input
BVSEL
CI(3)
J1
Low
Output
BVSEL
CKSTP_IN
A3
Low
Input
BVSEL
CKSTP_OUT
B1
Low
Output
BVSEL
CLK_OUT
H2
High
Output
BVSEL
D[0:63]
R15, W15, T14, V16, W16, T15, U15, P14, V13, W13, T13, P13, U14,
W14, R12, T12, W12, V12, N11, N10, R11, U11, W11, T11, R10, N9,
P10, U10, R9, W10, U9, V9, W5, U6, T5, U5, W7, R6, P7, V6, P17,
R19, V18, R18, V19, T19, U19, W19, U18, W17, W18, T16, T18, T17,
W3, V17, U4, U8, U7, R7, P6, R8, W8, T8
High
I/O
BVSEL
DBG
M2
Low
Input
BVSEL
DP[0:7]
T3, W4, T4, W9, M6, V3, N8, W6
High
I/O
BVSEL
DRDY(7)
R3
Low
Output
BVSEL
DTI[0:3](8)
G1, K1, P1, N1
High
Input
BVSEL
EXT_QUAL(9)
A11
High
Input
BVSEL
GBL
E2
Low
I/O
BVSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com