Electronic Components Datasheet Search
  English  ▼

X  

MP2338 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2338
Description  High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2338 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2338 Datasheet HTML 1Page - Monolithic Power Systems MP2338 Datasheet HTML 2Page - Monolithic Power Systems MP2338 Datasheet HTML 3Page - Monolithic Power Systems MP2338 Datasheet HTML 4Page - Monolithic Power Systems MP2338 Datasheet HTML 5Page - Monolithic Power Systems MP2338 Datasheet HTML 6Page - Monolithic Power Systems MP2338 Datasheet HTML 7Page - Monolithic Power Systems MP2338 Datasheet HTML 8Page - Monolithic Power Systems MP2338 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP2338 – 28V, 3A, SYNCHRONOUS STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP2338 Rev. 1.0
www.MonolithicPower.com
5
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical values are tested at TJ = 25°C, unless otherwise noted.
The over-temperature limit is derived by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
VIN under-voltage
lockout threshold
VINUVLO-R
VIN rising, VEN = 2V
3.66
3.96
4.25
V
VIN under-voltage
lockout hysteresis
VINUVLO-HYS
330
mV
Shutdown supply current
ISD
VEN = 0V
2
10
μA
Quiescent supply current
IQ
VEN = 2V, VFB = 0.55V
160
250
μA
Enable Control
EN rising threshold
VEN-RISE
1.1
1.2
1.3
V
EN hysteresis
VEN-HYS
120
mV
EN input current
IEN
VEN = 2V
2
10
µA
Power Switch
High-side switch on
resistance
HSRDS(ON)
VBST-SW = 5V
115
mΩ
Low-side switch on
resistance
LSRDS(ON)
55
mΩ
Switch leakage
SWLKG
VEN = 0V,VIN = 24V, SW short to VIN
1
μA
Current Limit
Low-side switching valley
current limit
ILIMIT-LS-OC
2.9
3.75
4.6
A
ZCD
IZCD
VIN = 12V, VOUT = 5V, L = 6.8μH
0
50
200
mA
Frequency
Oscillator frequency
fSW
VIN = 12V,VOUT = 5V, IOUT = 1.5A
350
450
550
kHz
Minimum on time (8)
tON-MIN
50
ns
Minimum off time (8)
tOFF-MIN
160
ns
Feedback Control
Feedback voltage
VREF
TJ = 25°C
495
500
505
mV
TJ = -40°C to +125°C
492.5
500
507.5
mV
Feedback current
IFB
VFB = 0.52V
10
50
nA
Soft-start current
ISS
5.5
7.5
9.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com