Electronic Components Datasheet Search
  English  ▼

X  

MP2338 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2338
Description  High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2338 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2338 Datasheet HTML 3Page - Monolithic Power Systems MP2338 Datasheet HTML 4Page - Monolithic Power Systems MP2338 Datasheet HTML 5Page - Monolithic Power Systems MP2338 Datasheet HTML 6Page - Monolithic Power Systems MP2338 Datasheet HTML 7Page - Monolithic Power Systems MP2338 Datasheet HTML 8Page - Monolithic Power Systems MP2338 Datasheet HTML 9Page - Monolithic Power Systems MP2338 Datasheet HTML 10Page - Monolithic Power Systems MP2338 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MP2338 – 28V, 3A, SYNCHRONOUS STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP2338 Rev. 1.0
www.MonolithicPower.com
7
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 5V, L = 6.8μH, TA = 25°C, unless otherwise noted.
Efficiency
VOUT = 5V, L = 6.8µH, DCR = 16mΩ
Efficiency
VOUT = 12V, L = 10µH, DCR = 24mΩ
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=12V
Vin=19V
Vin=24V
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=13V
Vin=19V
Vin=24V
Efficiency
VOUT = 3.3V, L = 6.8µH, DCR = 16mΩ
Efficiency
VOUT = 2.5V, L = 4.7µH, DCR = 12mΩ
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=12V
Vin=19V
Vin=24V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=12V
Vin=19V
Vin=24V
Efficiency
VOUT = 1.8V, L = 3.3µH, DCR = 11.7mΩ
Efficiency
VOUT = 1V, L = 2.2µH, DCR = 8.3mΩ
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=12V
Vin=19V
Vin=24V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
Vin=12V
Vin=19V
Vin=24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com