Electronic Components Datasheet Search
  English  ▼

X  

MP8861GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 11Page - Monolithic Power Systems MP8861GL Datasheet HTML 12Page - Monolithic Power Systems MP8861GL Datasheet HTML 13Page - Monolithic Power Systems MP8861GL Datasheet HTML 14Page - Monolithic Power Systems MP8861GL Datasheet HTML 15Page - Monolithic Power Systems MP8861GL Datasheet HTML 16Page - Monolithic Power Systems MP8861GL Datasheet HTML 17Page - Monolithic Power Systems MP8861GL Datasheet HTML 18Page - Monolithic Power Systems MP8861GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
15
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
Pulse-Width Modulation (PWM) Operation
The MP8861 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
The MP8861 uses constant-on-time (COT)
control to provide fast transient response and
ease loop stabilization. Figure 3 shows the
simplified ramp compensation block.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on whenever the
ramp voltage (VRamp) is lower than the error
amplifier output voltage (VEAO), which indicates
an insufficient output voltage. The on period is
determined by both the output voltage and input
voltage to make the switching frequency fairly
constant over the input voltage range.
After the on period elapses, the HS-FET enters
the off state. By cycling the HS-FET on and off,
the converter regulates the output voltage. The
integrated low-side MOSFET (LS-FET) turns on
when the HS-FET is in its off state to minimize
conduction loss.
Shoot-through occurs when both the HS-FET
and LS-FET are turned on at the same time,
causing a dead short between the input and
GND and reducing efficiency dramatically. The
MP8861 prevents shoot-through by generating
a dead time (DT) internally between the HS-
FET off and LS-FET on period and the LS-FET
off and HS-FET on period. The MP8861 enters
either
heavy-load
operation
or
light-load
operation depending on the amplitude of the
output current.
Figure 3: Simplified Compensation Block
Switching Frequency
The MP8861 uses constant-on-time (COT)
control, so there is no dedicated oscillator in the
IC. The input voltage is fed into the one-shot
on-timer through the internal frequency resistor.
The duty ratio is VOUT/VIN, and the switching
frequency is fairly constant over the input
voltage
range.
The
MP8861’s
switching
frequency can be adjusted by setting the two
bits D[5:4] in register 02 through the I2C
communication. When the output voltage
setting is low and the input voltage is high, the
switching on-time may be limited by the internal
minimum on-time limit, and the switching
frequency decreases. Table 1 shows the
maximum switching frequency vs. the output
voltage when VIN = 12V and VIN = 5V.
Table 1: Maximum Frequency Selection vs.
Output Voltage
Maximum Frequency Selection
Vo (V)
VIN = 12V
VIN = 5V
5
1.25MHz
/
3.3
1.25MHz
1.25MHz
2.5
1.25MHz
1.25MHz
1.8
1.25MHz
1.25MHz
1.5
1.25MHz
1.25MHz
1.2
1MHz
1.25MHz
1
750kHz
1.25MHz
0.9
750kHz
1.25MHz
0.6
500kHz
1.25MHz
Forced PWM Operation
When the MP8861 works in forced pulse-width
modulation (PWM) mode, the MP8861 enters
continuous conduction mode (CCM), where the
HS-FET
and
LS-FET
repeat
the
on/off
operation, even if the inductor current is zero or
a negative value. The switching frequency (FSW)
is fairly constant. Figure 4 shows the timing
diagram during this operation.
Whenever V
RAMP drops
below V
EAO, the HS-FET
is turned ON
V
IN
T
ON is constant
V
RAMP
V
EAO
I
OUT
V
SW
HS-FET
Driver
LS-FET
Driver
I
L
Figure 4: Forced PWM Operation
Light-Load Operation
When the MP8861 works in auto-PWM or auto-
pulse-frequency modulation (PFM) mode in
light-load operation, the MP8861 reduces the
switching frequency automatically to maintain
high efficiency, and the inductor current drops



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com