Electronic Components Datasheet Search
  English  ▼

X  

MP8861GL Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 21Page - Monolithic Power Systems MP8861GL Datasheet HTML 22Page - Monolithic Power Systems MP8861GL Datasheet HTML 23Page - Monolithic Power Systems MP8861GL Datasheet HTML 24Page - Monolithic Power Systems MP8861GL Datasheet HTML 25Page - Monolithic Power Systems MP8861GL Datasheet HTML 26Page - Monolithic Power Systems MP8861GL Datasheet HTML 27Page - Monolithic Power Systems MP8861GL Datasheet HTML 28Page - Monolithic Power Systems MP8861GL Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
25
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
3) Reg02 SysCntlreg2
Register 02 is the second system control
register.
The highest two bits of PG Deglitch Time D[7:6]
defines the power good signal rising and falling
edge delay times. When output OVP or UVP is
triggered, the PG signal turns low or high after a
delay time. There are four levels of PG delay
time that can be programmed by the I2C in
different conditions.
The two Switching Frequency bits D[5:4] are
used for switching frequency selection. The
MP8861 supports up to 1.25MHz of switching
frequency by setting the two bits to 11. The
MP8861 maximum programmable switching
frequency is limited by internal minimum on-
time (see Table 1).
The bit Soft Stop defines the output voltage
discharge behavior after EN shutdown. When
Soft Stop is set to 0, the output voltage is not
controlled after EN shutdown. When Soft Stop
is set to 1, the output voltage is discharged
linearly to zero with the set soft-stop time.
The lowest three bits, Current Limit Adjust
D[2:0], are used for peak and valley current-
limit selection. There are eight levels of current
limit that can be selected for different
application conditions.
NAME
BITS
DEFAULT
DESCRIPTION
PG Deglitch
Time
D[7:6]
11
Power good signal rising and falling edges’ delay time. When FB or
VOUT is out of regulation window, the PG comparator is triggered, but
needs a delay time before the PG signal can turn high or low.
D[7:6]
PG Deglitch
D[7:6]
PG Deglitch
00
<1μs
10
12μs
01
6μs
11
30μs
Switching
Frequency
D[5:4]
00
Switching frequency set bit. There is no dedicated frequency oscillator
inside the part. The switching frequency is fairly fixed by controlling the
TON timer.
D[5:4]
Frequency
D[5:4]
Frequency
00
500kHz
10
1MHz
01
750kHz
11
1.25MHz
Soft Stop
D[3]
0
This bit defines the VOUT discharge behavior after EN shutdown. 0
means VOUT is not controlled after EN shutdown. 1 means VOUT is
discharged linearly to zero with the set soft-stop time.
Current Limit
Adjust
D[2:0]
001
D[2:0]
Valley Current Limit (A)
D[2:0]
Valley Current Limit (A)
000
9.6
100
5.1
001
8.4
101
4.2
010
7.2
110
3.6
011
6
111
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com