Electronic Components Datasheet Search
  English  ▼

X  

MCP73830 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73830 Datasheet HTML 1Page - Microchip Technology MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2011-2019 Microchip Technology Inc.
DS20005049E-page 1
MCP73830/L
Features:
• Complete Linear Charge Management Controller:
- Integrated pass transistor
- Integrated current sense
- Integrated Reverse Discharge Protection
• Constant-Current/Constant Voltage Operation
• High-Accuracy Preset Voltage Regulation:
- 4.20V +0.75%
• Programmable Charge Current:
- MCP73830L: 20 mA-200 mA
- MCP73830: 100 mA-1000 mA
• Soft Start to Avoid Inrush Current
• Preconditioning:
- 10% and no preconditioning
• Fixed Elapsed Timer: 4 Hours
• Fixed Preconditioning Timer: 1 Hour
• Automatic Recharge: No Auto-Recharge is also
Available with Selected Options
• Automatic End-of-Charge (EOC) Control
Termination:
- 7.5% and 10%
• Automatic Power-Down when Input Power
Removed
• Undervoltage Lockout (UVLO)
• Chip/Charge Enable Pin (CE)
• Packaging:
- TDFN-6 (2x2 mm)
• Temperature Range: -40°C to +85°C
Applications:
• Bluetooth Headsets
• Portable Media Players
• Rechargeable 3D Glasses
• Toy and Gaming Controllers
Description:
The MCP73830/L are highly integrated, Li-Ion battery
charge management controllers for use in space-limited
applications. The MCP73830/L devices provide specific
charge algorithms for single-cell Li-Ion/Li-Polymer batter-
ies to achieve optimal capacity and safety in the shortest
charging time possible. Along with its small physical size,
the low number of external components makes the
MCP73830/L ideally suitable for portable applications.
The MCP73830L employs a constant-current/constant
voltage charge algorithm. The minimum 20 mA regu-
lated constant, fast charge current enables the design
in small Li-Ion batteries and low supply current applica-
tions. The fast charge, constant-current value is set
with one external resistor, from 20 mA to 200 mA. The
MCP73830 allows up to 1000 mA charge current for
applications that require faster constant current.
The MCP73830/L devices provide a thermal foldback
function that limits the charge current, based on die
temperature during high-power or high-ambient condi-
tions. This thermal regulation optimizes the charge
cycle time while maintaining device reliability.
The MCP73830/L devices are fully specified over the
ambient temperature range of -40°C to +85°C. The
MCP73830/L is available in a 6 lead, TDFN package.
Package Types (Top View)
MCP73830/L
2x2 TDFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VBAT
STAT
CE
VDD
1
2
3
6
5
4
PROG
VSS
EP
7
TABLE 1:
AVAILABLE FACTORY PRESET OPTIONS
Charge Voltage
Preconditioning Charge Current
End-of-Charge Control
Auto-Recharge
4.2V
10%/Disabled
7.5%/10%
Yes/No
Single-Cell Li-Ion/Li-Polymer Battery Charge Management
Controllers in 2x2 TDFN


Similar Part No. - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830LT-0AAI/MYY MICROCHIP-MCP73830LT-0AAI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830LT-0BCI/MYY MICROCHIP-MCP73830LT-0BCI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830T-2AAI/MYY MICROCHIP-MCP73830T-2AAI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results

Similar Description - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com