Electronic Components Datasheet Search
  English  ▼

X  

MCP73830 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 10Page - Microchip Technology MCP73830 Datasheet HTML 11Page - Microchip Technology MCP73830 Datasheet HTML 12Page - Microchip Technology MCP73830 Datasheet HTML 13Page - Microchip Technology MCP73830 Datasheet HTML 14Page - Microchip Technology MCP73830 Datasheet HTML 15Page - Microchip Technology MCP73830 Datasheet HTML 16Page - Microchip Technology MCP73830 Datasheet HTML 17Page - Microchip Technology MCP73830 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP73830/L
DS20005049E-page 14
 2011-2019 Microchip Technology Inc.
FIGURE 6-3:
Input Overvoltage Protection Example.
6.1.1.3
Thermal Considerations
The worst-case power dissipation in the battery charger
occurs when the input voltage is at the maximum and the
device has transitioned from Preconditioning mode to
Constant-Current mode. In this case, the power
dissipation is:
EQUATION 6-1:
Power dissipation with a 5V, ±10% input voltage
source, 200 mA, ±10%, and preconditioning threshold
voltage at 3.0V is:
EQUATION 6-2:
This power dissipation with the battery charger in the
2x2 TDFN-6 package will result in a temperature of
approximately +10.45
C (PCB mounted, infinite heat
sink) above room temperature.
In the worst case (minimum PCB copper, natural
convection), the temperature will increase by +50.1°C
above the room temperature.
The actual junction temperature is described in
equation 6-3:
EQUATION 6-3:
The MCP73830/L devices are stable with or without a
battery load. In order to maintain good AC stability in
Constant Voltage mode, a minimum capacitance of
1 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no battery load. In addition, the battery and intercon-
nections appear inductive at high frequencies. These
elements are in the control feedback loop during
Constant Voltage mode. Therefore, the bypass capaci-
tance may be necessary to compensate for the
inductive nature of the battery pack.
A minimum of 16V rated 1 µF is recommended to apply
for the output capacitor and a minimum of 25V rated
1 µF is recommended to apply for the input capacitor
for typical applications.
STAT
VDD
VBAT
3
4
PROG
1
2
6
Regulated
Wall Cube
0.5
VSS
5
SMAJ5.0A/AC
CE
TVS
CIN
2 mm x 2 mm DFN
MCP73830/L
Cable Resistance
PowerDissipation
VDDMAX VPTHMIN
–
 I
REGMAX
=
Where:
VDDMAX = The maximum input voltage
IREGMAX = The maximum fast charge current
VPTHMIN = The minimum transition threshold
voltage
PowerDissipation = (5.5V – 3.0V)
 220 mA = 0.55W
TABLE 6-1:
MLCC CAPACITOR EXAMPLE
MLCC
Capacitors
Temperature
Range
Tolerance
X7R
-55
C to +125C±15%
X5R
-55
C to +85C
±15%
TJ
TA 10.45C0.55W HA
++
=
Where:
TJ = Junction Temperature
TA = Ambient Temperature
+10.45
C = Temperature Increase due to JC
HA = Heat Sink to Ambient Thermal
Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com