| Electronic Components Datasheet Search |
|
MIC4600 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC4600 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 26 page ![]() MIC4600 DS20005584B-page 6 2016-2020 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES Unless otherwise indicated, VIN = 12V. FIGURE 2-1: VIN Quiescent Current vs. Input Voltage. FIGURE 2-2: VIN Quiescent Current vs. Temperature. FIGURE 2-3: VIN Shutdown Current vs. Input Voltage. FIGURE 2-4: VIN Shutdown Current vs. Temperature. FIGURE 2-5: VIN Operating Current vs. Frequency. FIGURE 2-6: RDS(ON) vs. Temperature. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 200 250 300 350 400 450 500 550 600 4 8 12 16 20 24 28 INPUT VOLTAGE (V) -40°C 25°C 125°C HSI = VDD LSI = 0V SW = 0V 350 370 390 410 430 450 470 490 510 530 550 -50 -25 0 25 50 75 100 125 TEMPERATURE ( °C) VIN = 28V VIN = 12V VIN = 4.5V HSI = VDD LSI = 0V SW = 0V 0 10 20 30 40 50 4 8 12 16 20 24 28 INPUT VOLTAGE (V) -40ºC 25ºC 125ºC EN = 0V SW = 0V 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 TEMPERATURE ( °C) EN = 0V VIN = 4.5V VIN = 12V VIN = 28V 0 0.5 1 1.5 2 0 200 400 600 800 1000 1200 1400 FREQUENCY (kHz) -40ºC 25ºC 125ºC VIN = 12V SW = 0V CLOAD=0nF 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 -50 -25 0 25 50 75 100 125 TEMPERATURE (°C) VIN = 4.5V SW = 0V HSI = LSI = 0V IDL = 50mA VIN = 12V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |