| Electronic Components Datasheet Search |
|
MIC4600 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC4600 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 26 page ![]() MIC4600 DS20005584B-page 10 2016-2020 Microchip Technology Inc. 4.0 FUNCTIONAL DESCRIPTION The MIC4600 is a 28V half-bridge MOSFET driver with integrated LDO. It is designed to independently drive both high-side and low-side N-Channel MOSFETs. The LDO eliminates the need for a second VDD supply voltage by generating the gate drive voltage from the input supply. The MIC4600 offers a wide 4.5V to 28V operating supply range. Refer to the diagram above. The high and low-side drivers contain an input buffer with hysteresis and an output buffer. The high-side output buffer includes a high-speed level-shifting circuit that is referenced to the HS pin. An external diode is used to supply VDD to the bootstrap circuit that provides the drive voltage for the high-side output. 4.1 Startup and UVLO The UVLO circuit monitors VDD and inhibits both drivers in a low state when the supply voltage is below the UVLO threshold. Hysteresis in the UVLO circuit prevents noise and circuit impedance from causing chatter during turn-on. 4.2 Enable Input A logic high on the enable pin (EN) allows normal operation to occur. Conversely, when a logic low is applied on the enable pin, the high and low-side driver outputs turn-off and the driver enters a low supply current shutdown mode. Do not leave floating. 4.3 Dead-Time Delay Shoot-through occurs in a half-bridge or synchronous buck topology when both the high and low-side MOSFETs conduct at the same time. This condition is caused by driver propagation delay variation and MOSFET turn on/off times. Shoot-through causes an increase in MOSFET power dissipation, circuit noise, and interference with power circuit operation. A resistor on the DELAY pin sets the break-before-make delay time between the high- and low-side MOSFETs. See the Applications section for additional information. 4.4 Input Stage Both the HSI and LSI pins are referenced to the AGND pin. The voltage state of the input signal does not change the quiescent current draw of the driver. The MIC4600 has a TTL-compatible input range and can be used with input signals with amplitude less than or equal to the VDD voltage. A small amount of hysteresis improves the noise immunity of the driver inputs. 4.5 Low-Side Driver Figure 4-1 shows a block diagram of the low-side driver. The low-side driver is designed to drive a ground (PGND pin) referenced N-channel MOSFET. The low-side gate drive voltage equals VDD, which is typically 5V. A low driver impedance allows the external MOSFET to be turned on and off quickly. The rail-to-rail drive capability of the output ensures a low RDS(ON) from the external MOSFET. A high level applied to the LSI pin causes the upper driver MOSFET to turn on and VDD voltage is applied to the gate of the external MOSFET. A low level on the LSI pin turns off the upper driver and turns on the low-side driver to ground the gate of the external MOSFET. EN FAULT HSI LSI UVLO MIC4600 LINEAR REGULATOR VIN BST SW AGND AGND DH DL DELAY ANTI-SHOOT THRU VDD PGND CONTROL LOGIC TIMER AVDD VDD |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |