Electronic Components Datasheet Search
  English  ▼

X  

2170891 Datasheet(PDF) 1 Page - Lapp.

Part # 2170891
Description  ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170891 Datasheet(HTML) 1 Page - Lapp.

  2170891 Datasheet HTML 1Page - Lapp. 2170891 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170891
DATA SHEET
valid from:
01.01.2019
2x2x22 AWG
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170891EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE PN Cat. 5e Y 2x2x22 AWG is a CATEGORY 5e high speed data transmission cable for applications in industrial environments.
This data cable meets the requirements in accordance to the Standards EIA/TIA-568 TSB-36 and ISO/IEC 11801 „Generic Cabling for
Customer Premises“ for CLASS D Links. The high quality screening ensures a high security during data transmission in areas with
electromagnetic fields. The cable is designed for static applications in dry and wet rooms.
Design
Certification
c(UL)us listing, type CMX 75 °C acc. to UL 444
Conductor
solid bare copper wire, ca. 0.64 mm conductor Ø (22 AWG)
Insulation
PE, core Ø ca. 1.5 mm
Core identification code
white, yellow, blue, orange
Stranding
star quad
Screen
plastic laminated aluminum foil
on top:
braid of copper wire, coverage ca. 85 %
Outer sheath
PVC, green (similar to RAL 6018),
outer ∅ ca. 6.3 mm
dl safjl öjf
Electrical properties at 20°C
Conductor resistance
max. 118 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
ca. 48 nF/km (at 800 Hz)
Velocity of propagation
ca. 0,66 c
Signal transit time
nom. 506 ns/100 m
Peak operating voltage
125 V (not for power purposes)
Test voltage
conductor/conductor 1000 V
conductor/screen
1000 V


Similar Part No. - 2170891

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
More results

Similar Description - 2170891

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170451 LAPP-2170451 Datasheet
266Kb / 2P
ETHERLINE®™ ROBUST PN Cat. 5e
01.01.2019
2170454 LAPP-2170454 Datasheet
267Kb / 2P
ETHERLINE® ROBUST PN FR Cat. 5e
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com