Electronic Components Datasheet Search
  English  ▼

X  

2170891 Datasheet(PDF) 2 Page - Lapp.

Part # 2170891
Description  ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170891 Datasheet(HTML) 2 Page - Lapp.

  2170891 Datasheet HTML 1Page - Lapp. 2170891 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170891
DATA SHEET
valid from:
01.01.2019
2x2x22 AWG
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170891EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
.
f
[MHz]
Attenuation
[dB/100m]
NEXT
[dB]
EL FEXT
[dB]
Return Loss
[dB]
standard
standard
standard
standard
4
4,1
56,3
52
23
10
6,7
50
43,3
25
16
8,3
47,2
40
25
31,25
11,7
42,8
34
23,6
62,5
17
38,4
28,1
21,6
100
22
35,3
24
20,1
Mechanical and thermal properties
Minimum bending radius
7,5 x cable Ø
Temperature range
at installation:
-5˚ C up to +50˚ C
fixed installation: -40˚ C up to +70˚ C
Flammability
acc. to IEC 60332-1-2 and VW-1 acc. to UL 1581
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com