Electronic Components Datasheet Search
  English  ▼

X  

UPD16312 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD16312
Description  MOS INTEGRATED CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16312 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD16312 Datasheet HTML 14Page - Renesas Technology Corp UPD16312 Datasheet HTML 15Page - Renesas Technology Corp UPD16312 Datasheet HTML 16Page - Renesas Technology Corp UPD16312 Datasheet HTML 17Page - Renesas Technology Corp UPD16312 Datasheet HTML 18Page - Renesas Technology Corp UPD16312 Datasheet HTML 19Page - Renesas Technology Corp UPD16312 Datasheet HTML 20Page - Renesas Technology Corp UPD16312 Datasheet HTML 21Page - Renesas Technology Corp UPD16312 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet S17384EJ1V0DS
16
µPD16312
Electrical Curve Line (Unless otherwise specified, TA = +25
°C, VDD = +5.0 V, VEE = VDD − 35 V)
Output voltage-Current specification
(Seg1 to Seg11)
Drop voltage
VONote (V)
0
−1
−2
−3
−4
−5
−15
−12
−9
−6
−3
Note
VO = VDD-VO
Output voltage-Current specification
(Grid1 to Grid6, Seg12/Grid11 to Seg16/Grid7)
0
−1
−2
−3
−4
−5
−50
−40
−30
−20
−10
Oscillator frequency-External resistance specification
External resistance R (k
Ω)
0
45
400
65
60
55
50
500
600
700
Drop voltage
VONote (V)
Note
VO = VDD-VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com