Electronic Components Datasheet Search
  English  ▼

X  

UPD16312 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD16312
Description  MOS INTEGRATED CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16312 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD16312 Datasheet HTML 17Page - Renesas Technology Corp UPD16312 Datasheet HTML 18Page - Renesas Technology Corp UPD16312 Datasheet HTML 19Page - Renesas Technology Corp UPD16312 Datasheet HTML 20Page - Renesas Technology Corp UPD16312 Datasheet HTML 21Page - Renesas Technology Corp UPD16312 Datasheet HTML 22Page - Renesas Technology Corp UPD16312 Datasheet HTML 23Page - Renesas Technology Corp UPD16312 Datasheet HTML 24Page - Renesas Technology Corp UPD16312 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet S17384EJ1V0DS
21
µPD16312
13. RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met for mounting conditions of the
µPD16312.
For more details, refer to the
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under
different conditions.
Type of Surface Mount Device
µPD16312GB-3B4, µPD16312GB-3BS: 44-pin plastic QFP (10 x 10)
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: MAX.3
IR35-00-2
VPS
Peak package’s temperature: 215
°C or below,
Reflow time: 25 to 40 seconds (200
°C or higher),
Number of reflow process: MAX.3
VP15-00-2
Wave Soldering
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below
Temperature of pre-heat: 120
°C pr below (Plastic surface temperature)
Number of flow process: 1
WS60-00-1
Partial heating method
Terminal temperature: 300
°C or below,
Time 3 seconds or below (per side of pin position)
−
Caution Do not apply more than a single process at once, except for partial heating method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com