Electronic Components Datasheet Search
  English  ▼

X  

UPD8874 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD8874
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8874 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD8874 Datasheet HTML 17Page - Renesas Technology Corp UPD8874 Datasheet HTML 18Page - Renesas Technology Corp UPD8874 Datasheet HTML 19Page - Renesas Technology Corp UPD8874 Datasheet HTML 20Page - Renesas Technology Corp UPD8874 Datasheet HTML 21Page - Renesas Technology Corp UPD8874 Datasheet HTML 22Page - Renesas Technology Corp UPD8874 Datasheet HTML 23Page - Renesas Technology Corp UPD8874 Datasheet HTML 24Page - Renesas Technology Corp UPD8874 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
19
μ PD8874
Data Sheet S18773EJ1V0DS
SELECTION OF RESOLUTION MODE
The
μ PD8874 has function of two readout modes, High Resolution Mode and Low Resolution Mode. These two
modes can be selected by
φSEL switch.
Read Mode
Description
φSEL
High Resolution Mode
1200 dpi (Max.)
High level
Low Resolution Mode
600 dpi (Max.) (even line readout mode)
Low level
(1) High Resolution Mode
In this mode, both signals in even lines and odd lines can be read out. This mode enables 1200 dpi (Max.)
resolution with A4 size (210
× 297 mm, shorter side).
Please refer to TIMING CHART 1-1, 1-2 and 2-1.
(2) Low Resolution Mode
In this mode, only signal in even lines can be read out.
This mode enables 600 dpi (Max.) resolution with A4 size.
To use intermittent reset drive enable signal charges of adjacent pixels in even line to add at the charge to voltage
conversion area. Then it can achieve low resolution with A4 size such as 300, 200 or 150 dpi.
Please refer to TIMING CHART 1-3 to 1-6, 2-2 and 2-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com