Electronic Components Datasheet Search
  English  ▼

X  

UPD8874 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD8874
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8874 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD8874 Datasheet HTML 24Page - Renesas Technology Corp UPD8874 Datasheet HTML 25Page - Renesas Technology Corp UPD8874 Datasheet HTML 26Page - Renesas Technology Corp UPD8874 Datasheet HTML 27Page - Renesas Technology Corp UPD8874 Datasheet HTML 28Page - Renesas Technology Corp UPD8874 Datasheet HTML 29Page - Renesas Technology Corp UPD8874 Datasheet HTML 30Page - Renesas Technology Corp UPD8874 Datasheet HTML 31Page - Renesas Technology Corp UPD8874 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
26
μ PD8874
Data Sheet S18773EJ1V0DS
PACKAGE DRAWING
CCD LINEAR IMAGE SENSOR 22-PIN PLASTIC DIP (10.16 mm (400))
44.0
±0.3
37.5
1st valid pixel
0.4
±0.3
1
9.25
±0.3
2.0
0.25
±
+
0.05
0.7
0.2
10.16
±0.2
0.46
±0.1
1.02
±0.15
2.54
±0.25
(5.42)
4.21
±0.5
4.39
±0.4
2.62
±0.2
3
(1.72)
2
Name
Dimensions
Refractive index
Plastic cap
42.7
×8.35×0.8(0.7
)
1.5
2
1 Distance between the 1st valid pixel and the center of the pin1
Distance between the bottom of the package and the surface of the CCD chip
Distance between the top of the cap and the surface of the CCD chip
3
22C-1CCD-PKG19
(Unit : mm)
22
1
11
12
10.16
4
4
5
4 Transparent window
5 Thickness of the transparent window
NEC Electronics Corporation 2007
PD8874CY-A
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com