Electronic Components Datasheet Search
  English  ▼

X  

UPD9930 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD9930
Description  MOS INTEGRATED CIRCUIT
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9930 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD9930 Datasheet HTML 24Page - Renesas Technology Corp UPD9930 Datasheet HTML 25Page - Renesas Technology Corp UPD9930 Datasheet HTML 26Page - Renesas Technology Corp UPD9930 Datasheet HTML 27Page - Renesas Technology Corp UPD9930 Datasheet HTML 28Page - Renesas Technology Corp UPD9930 Datasheet HTML 29Page - Renesas Technology Corp UPD9930 Datasheet HTML 30Page - Renesas Technology Corp UPD9930 Datasheet HTML 31Page - Renesas Technology Corp UPD9930 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
TC1 (ITC1)
TC2 (ITC2)
DRSTB
REQB
FSYNC
(8 kHz)
SCLK
(256 kHz)
SEN
SI
DCLK
(104 kHz)
DO
D12
D11
D10
D9
D8
D7
D6
D5
D0
D1
D2
D15
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D0
D1
D2
D15
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
"L"
Figure 2-18 Speech Decoder Test Mode (DSP Interface = Mode 1) (TC1 = 0, TC2 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com