Electronic Components Datasheet Search
  English  ▼

X  

BU505F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU505F
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU505F Datasheet(HTML) 2 Page - NXP Semiconductors

  BU505F Datasheet HTML 1Page - NXP Semiconductors BU505F Datasheet HTML 2Page - NXP Semiconductors BU505F Datasheet HTML 3Page - NXP Semiconductors BU505F Datasheet HTML 4Page - NXP Semiconductors BU505F Datasheet HTML 5Page - NXP Semiconductors BU505F Datasheet HTML 6Page - NXP Semiconductors BU505F Datasheet HTML 7Page - NXP Semiconductors BU505F Datasheet HTML 8Page - NXP Semiconductors BU505F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Aug 13
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BU505F; BU505DF
DESCRIPTION
High-voltage, high-speed,
glass-passivated NPN power
transistor in a SOT186 package with
electrically isolated mounting base.
The BU505DF has an integrated
efficiency diode.
APPLICATIONS
• Horizontal deflection circuits of
colour television receivers.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
mb
mounting base; electrically
isolated from all pins
Fig.1 Simplified outline (SOT186) and symbols.
a. BU505F.
b. BU505DF.
MBC668
123
Front view
3
2
1
MBB008
3
2
1
MBB077
QUICK REFERENCE DATA
THERMAL CHARACTERISTICS
Notes
1. Mounted without heatsink compound and 30
±5 N force on centre of package.
2. Mounted with heatsink compound and 30
±5 N force on centre of package.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
−
1500
V
VCEO
collector-emitter voltage
open base
−
700
V
VCEsat
collector-emitter saturation
voltage
IC = 2 A; IB = 900 mA; see Fig.8
−
1V
VF
diode forward voltage
(BU505DF)
IF =2A
−
1.8
V
ICsat
collector saturation current
−
2A
IC
collector current (DC)
see Figs 4 and 5
−
2.5
A
ICM
collector current (peak value)
see Figs 4 and 5
−
4A
Ptot
total power dissipation
Th ≤ 25 °C; see Fig.2
−
20
W
tf
fall time
inductive load; see Fig.10
0.7
−µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-h
thermal resistance from junction to external heatsink note 1
6.35
K/W
note 2
3.85
K/W
Rth j-a
thermal resistance from junction to ambient
55
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com