Electronic Components Datasheet Search
  English  ▼

X  

BU505F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU505F
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU505F Datasheet(HTML) 3 Page - NXP Semiconductors

  BU505F Datasheet HTML 1Page - NXP Semiconductors BU505F Datasheet HTML 2Page - NXP Semiconductors BU505F Datasheet HTML 3Page - NXP Semiconductors BU505F Datasheet HTML 4Page - NXP Semiconductors BU505F Datasheet HTML 5Page - NXP Semiconductors BU505F Datasheet HTML 6Page - NXP Semiconductors BU505F Datasheet HTML 7Page - NXP Semiconductors BU505F Datasheet HTML 8Page - NXP Semiconductors BU505F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Aug 13
3
Philips Semiconductors
Product specification
Silicon diffused power transistors
BU505F; BU505DF
ISOLATION CHARACTERISTICS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VisolM
isolation voltage from all terminals to external heatsink (peak value)
−
1500
V
Cisol
isolation capacitance from collector to external heatsink
12
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
−
1500
V
VCEO
collector-emitter voltage
open base
−
700
V
ICsat
collector saturation current
−
2A
IC
collector current (DC)
see Figs 4 and 5
−
2.5
A
ICM
collector current (peak value)
see Figs 4 and 5
−
4A
IB
base current (DC)
−
2A
IBM
base current (peak value)
−
4A
Ptot
total power dissipation
Th ≤ 25 °C; see Fig.2
−
20
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Fig.2 Power derating curve.
handbook, halfpage
050
Th (
oC)
100
150
120
0
40
80
MGK674
Ptot max
(%)
Fig.3 DC current gain; typical values.
Tj =25 °C.
(1) VCE =5V.
(2) VCE =1V.
handbook, halfpage
10−2
10−1
1
102
10
1
hFE
IC (A)
10
MGB875
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com