Electronic Components Datasheet Search
  English  ▼

X  

DSP56800 Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56800
Description  Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56800 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56800 Datasheet HTML 5Page - Motorola, Inc DSP56800 Datasheet HTML 6Page - Motorola, Inc DSP56800 Datasheet HTML 7Page - Motorola, Inc DSP56800 Datasheet HTML 8Page - Motorola, Inc DSP56800 Datasheet HTML 9Page - Motorola, Inc DSP56800 Datasheet HTML 10Page - Motorola, Inc DSP56800 Datasheet HTML 11Page - Motorola, Inc DSP56800 Datasheet HTML 12Page - Motorola, Inc DSP56800 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Introduction
DSP56F826 Preliminary Technical Data
9
EXTAL
CLOCKIN
61
Input
Input
External Crystal Oscillator Input—This input can be connected to an
4MHz external crystal. If a 4MHz or less external clock source is used,
EXTAL can be used as the input and XTAL must not be connected. For
more information, please refer to Section 3.5.2.
External Clock Input—This input can be connected to an external 8MHz
clock. For more information, please refer to Section 3.5.
The input clock can be selected to provide the clock directly to the DSP core.
This input clock can also be selected as input clock for the on-chip PLL.
EXTBOOT
25
Input
External Boot—This input is tied to VDD to force device to boot from off-
chip memory. Otherwise, it is tied to ground.
GPIOB0
66
Input or Output
Port B GPIO—These eight dedicated General Purpose I/O (GPIO) pins can
be individually programmed as input or output pins.
After reset, the default state is GPIO input.
GPIOB1
67
GPIOB2
68
GPIOB3
69
GPIOB4
70
GPIOB5
71
GPIOB6
72
GPIOB7
73
GPIOD0
74
Input or Output
Port D GPIO—These eight dedicated GPIO pins can be individually
programmed as an input or output pins.
After reset, the default state is GPIO input.
GPIOD1
75
GPIOD2
76
GPIOD3
77
GPIOD4
78
GPIOD5
79
GPIOD6
82
GPIOD7
83
Table 3. DSP56F826 Signal and Package Information for the 100 Pin LQFP
All inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are always enabled.
Exceptions:
1.
When a pn is owned by GPIO, then the pull-up may be disabled under software control.
2.
TCK has a weak pull-down circuit always active.
Signal
Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com