Electronic Components Datasheet Search
  English  ▼

X  

HY5V26CSF Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5V26CSF
Description  4 Banks x 2M x 16bits Synchronous DRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V26CSF Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5V26CSF Datasheet HTML 1Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 2Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 3Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 4Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 5Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 6Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 7Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 8Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HY5V26C(L/S)F
BALL DESCRIPTION
BALL OUT
SYMBOL
TYPE
DESCRIPTION
F2
CLK
INPUT
Clock : The system clock input. All other inputs are registered to the
SDRAM on the rising edge of CLK
F3
CKE
INPUT
Clock Enable : Controls internal clock signal and when deactivated,
the SDRAM will be one of the states among power down, suspend or
self refresh
G9
CS
INPUT
Chip Select : Enables or disables all inputs except CLK, CKE, UDQM
and LDQM
G7,G8
BA0, BA1
INPUT
Bank Address : Selects bank to be activated during RAS activity
Selects bank to be read/written during CAS activity
H7, H8, J8, J7,
J3, J2, H3, H2,
H1, G3, H9, G2
A0 ~ A11
INPUT
Row Address : RA0 ~ RA11, Column Address : CA0 ~ CA8
Auto-precharge flag : A10
F8, F7, F9
RAS, CAS,
WE
INPUT
Command Inputs : RAS, CAS and WE define the operation
Refer function truth table for details
F1, E8
UDQM,
LDQM
INPUT
Data Mask:Controls output buffers in read mode and masks input
data in write mode
A8, B9, B8, C9,
C8, D9, D8, E9,
E1, D2, D1, C2,
C1, B2, B1, A2
DQ0 ~ DQ15
I/O
Data Input/Output:Multiplexed data input/output ball
A9, E7, J9, A1,
E3, J1
VDD/VSS
SUPPLY
Power supply for internal circuits
A7, B3, C7, D3,
A3, B7, C3, D7
VDDQ/VSSQ SUPPLY
Power supply for output buffers
E2, G1
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com