Electronic Components Datasheet Search
  English  ▼

X  

HY5V26CSF Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY5V26CSF
Description  4 Banks x 2M x 16bits Synchronous DRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V26CSF Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY5V26CSF Datasheet HTML 1Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 2Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 3Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 4Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 5Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 6Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 7Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 8Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HY5V26C(L/S)F
Rev. 0.9/Jul. 02
5
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability.
DC OPERATING CONDITION (TA=0 to 70°C)
Note :
1.All voltages are referenced to VSS = 0V
2.VIH(max) is acceptable 5.6V AC pulse width with <=3ns of duration.
3.VIL(min) is acceptable -2.0V AC pulse width with <=3ns of duration.
AC OPERATING TEST CONDITION (TA=0 to 70°C, VDD=3.3±0.3V, VSS=0V)
Note :
1.Output load to measure access times is equivalent to two TTL gates and one capacitor (50pF). For details, refer to AC/DC output
load circuit
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
°C
Storage Temperature
TSTG
-55 ~ 125
°C
Voltage on Any ball relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
°C ⋅ Sec
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input High voltage
VIH
2.0
3.0
VDDQ + 0.3
V
1,2
Input Low voltage
VIL
-0.3
0
0.8
V
1,3
Parameter
Symbol
Value
Unit
Note
AC Input High / Low Level Voltage
VIH / VIL
2.4/0.4
V
Input Timing Measurement Reference Level Voltage
Vtrip
1.4
V
Input Rise / Fall Time
tR / tF
1
ns
Output Timing Measurement Reference Level Voltage
Voutref
1.4
V
Output Load Capacitance for Access Time Measurement
CL
50
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com