Electronic Components Datasheet Search
  English  ▼

X  

BUJ100AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUJ100AT
Description  Silicon Diffused Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100AT Datasheet(HTML) 5 Page - NXP Semiconductors

  BUJ100AT Datasheet HTML 1Page - NXP Semiconductors BUJ100AT Datasheet HTML 2Page - NXP Semiconductors BUJ100AT Datasheet HTML 3Page - NXP Semiconductors BUJ100AT Datasheet HTML 4Page - NXP Semiconductors BUJ100AT Datasheet HTML 5Page - NXP Semiconductors BUJ100AT Datasheet HTML 6Page - NXP Semiconductors BUJ100AT Datasheet HTML 7Page - NXP Semiconductors BUJ100AT Datasheet HTML 8Page - NXP Semiconductors BUJ100AT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
Fig.13. Inductive switching.
Fig.14. Inductive switching.
tsi = f(h
FE)
tsi = f(I
C)
RESISTIVE SWITCHING
Fig.15. Test circuit resistive load. V
IM = -6 to +8 V
Fig.16. Switching times waveforms with resistive load.
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.17. Resistive switching.
Fig.18. Resistive switching.
ton = f(I
C)
ts = f(I
C)
2468
10
0
0.25
0.5
0.75
1
1.25
HFE GAIN (IC/IB)
tsi (us)
11
IC = 2A
IC = 1A
IC = 1.5A
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
0.25
0.5
0.75
1
1.25
IC COLLECTOR CURRENT /A
tsi (us)
IC/IB = 10
IC/IB = 5
IC/IB = 3
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
0
0.5
1
1.5
2
0
0.5
1
1.5
2
IC COLLECTOR CURRENT (A)
ton (us)
IC/IB = 3
IC/IB = 5
IC/IB = 10
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
IC COLLECTOR CURRENT (A)
ts (us)
IC/IB = 3
IC/IB = 10
IC/IB = 5
September 1999
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com